전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7738L2PBF 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRF7738L2PBF
상세설명  DirectFETPower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7738L2PBF 데이터시트(HTML) 5 Page - International Rectifier

  IRF7738L2PBF Datasheet HTML 1Page - International Rectifier IRF7738L2PBF Datasheet HTML 2Page - International Rectifier IRF7738L2PBF Datasheet HTML 3Page - International Rectifier IRF7738L2PBF Datasheet HTML 4Page - International Rectifier IRF7738L2PBF Datasheet HTML 5Page - International Rectifier IRF7738L2PBF Datasheet HTML 6Page - International Rectifier IRF7738L2PBF Datasheet HTML 7Page - International Rectifier IRF7738L2PBF Datasheet HTML 8Page - International Rectifier IRF7738L2PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRF7738L2PbF
www.irf.com © 2014 International Rectifier Submit Datasheet Feedback
February 13, 2014
5
Fig 14. Maximum Avalanche Energy vs. Temperature
Fig 13. Maximum Safe Operating Area
Fig 15. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 16. Typical Avalanche Current Vs.Pulsewidth
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
100
200
300
400
500
600
ID
TOP
17A
29A
BOTTOM 109A
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci
i
/Ri
Ci=
τi/Ri
τ
τ
C
τ
4
τ
4
R
4
R
4
Ri (°C/W)
τi (sec)
0.00399
18.81517
0.81430
0.03055
0.15982
0.00014
0.62239
0.00402
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
tav (sec)
0.1
1
10
100
1000
0.05
Duty Cycle = Single Pulse
0.10
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming
∆Τj = 25°C and
Tstart = 150°C.
0.01
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming
∆Tj = 150°C and
Tstart =25°C (Single Pulse)
0.10
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
10000
OPERATION IN THIS AREA
LIMITED BY RDS(on)
Tc = 25°C
Tj = 175°C
Single Pulse
100µsec
1msec
10msec
DC


유사한 부품 번호 - IRF7738L2PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7737L2PBF IRF-IRF7737L2PBF Datasheet
629Kb / 10P
   Advanced Process Technology
IRF7737L2TR1PBF IRF-IRF7737L2TR1PBF Datasheet
629Kb / 10P
   DirectFETPower MOSFET
IRF7737L2TR1PBF IRF-IRF7737L2TR1PBF Datasheet
629Kb / 10P
   Advanced Process Technology
IRF7737L2TRPBF IRF-IRF7737L2TRPBF Datasheet
629Kb / 10P
   DirectFETPower MOSFET
IRF7739L1PBF IRF-IRF7739L1PBF Datasheet
278Kb / 10P
   DirectFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com