전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7748L1PBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRF7748L1PBF
상세설명  DirectFET??Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7748L1PBF 데이터시트(HTML) 2 Page - International Rectifier

  IRF7748L1PBF Datasheet HTML 1Page - International Rectifier IRF7748L1PBF Datasheet HTML 2Page - International Rectifier IRF7748L1PBF Datasheet HTML 3Page - International Rectifier IRF7748L1PBF Datasheet HTML 4Page - International Rectifier IRF7748L1PBF Datasheet HTML 5Page - International Rectifier IRF7748L1PBF Datasheet HTML 6Page - International Rectifier IRF7748L1PBF Datasheet HTML 7Page - International Rectifier IRF7748L1PBF Datasheet HTML 8Page - International Rectifier IRF7748L1PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.irf.com
© 2012 International Rectifier
February 18, 2013
 
IRF7748L1TRPbF
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max.
Units
Conditions
BVDSS
Drain-to-Source Breakdown Voltage
60
–––
–––
V
VGS = 0V, ID = 250µA
VDSS/TJ Breakdown Voltage Temp. Coefficient
––– 0.022 –––
V/°C Reference to 25°C, ID = 2mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.7
2.2
m
 VGS = 10V, ID = 89A 
VGS(th)
Gate Threshold Voltage
2.0
2.9
4.0
V
VDS = VGS, ID = 250µA
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
VDS =60 V, VGS = 0V
–––
–––
250
VDS =60V,VGS = 0V,TJ =125°C
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
gfs
Forward Transconductance
176
–––
–––
S
VDS = 10V, ID =89A
Qg
Total Gate Charge
–––
146
220
 
Qgs1
Pre– Vth Gate-to-Source Charge
–––
31
–––  
VDS = 30V
Qgs2
Post– Vth Gate-to-Source Charge
–––
12
–––
nC 
VGS = 10V
Qgd
Gate-to-Drain Charge
–––
40
–––  
ID = 89A
Qgodr
Gate Charge Overdrive
–––
63
–––  
See Fig.9
Qsw
Switch Charge (Qgs2 + Qgd)
–––
52
–––  
Qoss
Output Charge
–––
82
–––
nC 
VDS = 16V,VGS = 0V
RG
Gate Resistance
–––
1.3
–––

td(on)
Turn-On Delay Time
–––
19
–––
ns
VDD = 30V, VGS = 10V
tr
Rise Time
–––
104
–––
ID = 89A
td(off)
Turn-Off Delay Time
–––
54
–––
RG= 1.8
tf
Fall Time
–––
77
–––
Ciss
Input Capacitance
–––
8075 –––
pF  
VGS = 0V
Coss
Output Capacitance
–––
1150 –––
VDS = 50V
Crss
Reverse Transfer Capacitance
–––
540
–––
ƒ = 1.0MHz
Coss
Output Capacitance
–––
5390 –––
VGS=0V, VDS = 1.0V,ƒ =1.0MHz
Coss
Output Capacitance
–––
850
–––
VGS=0V, VDS = 48V,ƒ =1.0MHz
Diode Characteristics  
Parameter
Min. Typ. Max.
Units
Conditions
IS
Continuous Source Current
–––
–––
85
A
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
592
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C,IS = 89A,VGS = 0V 
trr
Reverse Recovery Time
–––
58
–––
ns
TJ = 25°C ,IF = 89A,VDD = 30V
Qrr
Reverse Recovery Charge
–––
113
–––
nC
di/dt = 100A/µs 
VGS(th)/TJ Gate Threshold Voltage Temp. Coefficient
–––
-9.9
–––
mV/°C
Notes:
Repetitive rating; pulse width limited by max. junction temperature.
Pulse width ≤ 400µs; duty cycle ≤ 2%


유사한 부품 번호 - IRF7748L1PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7748L1PBF IRF-IRF7748L1PBF Datasheet
442Kb / 10P
   Optimized for Synchronous Rectification
IRF7748L1PBF IRF-IRF7748L1PBF_15 Datasheet
442Kb / 10P
   Optimized for Synchronous Rectification
More results

유사한 설명 - IRF7748L1PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6644 IRF-IRF6644 Datasheet
247Kb / 9P
   DirectFET Power MOSFET
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
   DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
   DirectFETPower MOSFET
IRF6711SPBF IRF-IRF6711SPBF Datasheet
308Kb / 9P
   DirectFETPower MOSFET
IRF6718L2TRPBF IRF-IRF6718L2TRPBF Datasheet
236Kb / 10P
   DirectFETPower MOSFET
IRF7738L2PBF IRF-IRF7738L2PBF Datasheet
285Kb / 10P
   DirectFETPower MOSFET
AUIRL7732S2 IRF-AUIRL7732S2 Datasheet
221Kb / 11P
   DirectFETPower MOSFET
IRF6613PBF IRF-IRF6613PBF Datasheet
241Kb / 9P
   DirectFETPower MOSFET
IRF6620PBF IRF-IRF6620PBF Datasheet
239Kb / 9P
   DirectFETPower MOSFET
AUIRF7640S2TR IRF-AUIRF7640S2TR Datasheet
309Kb / 11P
   DirectFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com