전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF8721TRPbF-1 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRF8721TRPbF-1
상세설명  HEXFETPower MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF8721TRPbF-1 데이터시트(HTML) 3 Page - International Rectifier

  IRF8721TRPbF-1 Datasheet HTML 1Page - International Rectifier IRF8721TRPbF-1 Datasheet HTML 2Page - International Rectifier IRF8721TRPbF-1 Datasheet HTML 3Page - International Rectifier IRF8721TRPbF-1 Datasheet HTML 4Page - International Rectifier IRF8721TRPbF-1 Datasheet HTML 5Page - International Rectifier IRF8721TRPbF-1 Datasheet HTML 6Page - International Rectifier IRF8721TRPbF-1 Datasheet HTML 7Page - International Rectifier IRF8721TRPbF-1 Datasheet HTML 8Page - International Rectifier IRF8721TRPbF-1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.irf.com © 2013 International Rectifier
October 02, 2013
IRF8721PbF-1
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
≤ 60μs PULSE WIDTH
Tj = 25°C
2.3V
VGS
TOP
10V
5.0V
4.5V
3.5V
3.0V
2.7V
2.5V
BOTTOM
2.3V
-60 -40 -20
0
20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 14A
VGS = 10V
1.0
2.0
3.0
4.0
VGS, Gate-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
VDS = 15V
≤ 60μs PULSE WIDTH
TJ = 25°C
TJ = 150°C
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
≤ 60μs PULSE WIDTH
Tj = 150°C
2.3V
VGS
TOP
10V
5.0V
4.5V
3.5V
3.0V
2.7V
2.5V
BOTTOM
2.3V


유사한 부품 번호 - IRF8721TRPbF-1

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF8721TRPBF IRF-IRF8721TRPBF Datasheet
235Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
logo
VBsemi Electronics Co.,...
IRF8721TRPBF VBSEMI-IRF8721TRPBF Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com