전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS350-6S 데이터시트(PDF) 3 Page - MTU Onsite Energy Corporation

부품명 GS350-6S
상세설명  GAS GENERATOR SET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MTU [MTU Onsite Energy Corporation]
홈페이지  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

GS350-6S 데이터시트(HTML) 3 Page - MTU Onsite Energy Corporation

  GS350-6S Datasheet HTML 1Page - MTU Onsite Energy Corporation GS350-6S Datasheet HTML 2Page - MTU Onsite Energy Corporation GS350-6S Datasheet HTML 3Page - MTU Onsite Energy Corporation GS350-6S Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
///  /
GS350-6S
// 
Engine
Manufacturer
Doosan
Model
18.3L CAC
Type
4-Cycle
Arrangement
10-V
Displacement: L (in3)
18.3 (1,115)
Bore: cm (in)
12.8 (5.04)
Stroke: cm (in)
14.2 (5.59)
Compression Ratio
10.5:1
Rated RPM
1,800
Engine Governor
Bosch
Maximum Power (NG): kWm (bhp)
400 (536)
Maximum Power (LP): kWm (bhp)
297 (398)
Speed Regulation
±0.5%
Air Cleaner
Dry
// 
Liquid Capacity (Lubrication)
Total Oil System: L (gal)
42.1 (11.1)
Engine Jacket Water Capacity: L (gal)
50 (11)
System Coolant Capacity: L (gal)
289 (63.5)
// 
Electrical
Electric Volts DC
24
Cold Cranking Amps Under -17.8°C (0 °F)
1,050
// 
Fuel Inlet
Fuel Supply Connection Size
3” NPT
Fuel Supply Pressure: mm H
20 (in. H20)
178–279 (7–11)
// 
Fuel Consumption (NG-1000 BTU/ft3 / LP-2500 BTU/ft3)
NG
LPG
At 100% of Power Rating: m3/hr (ft3/hr) 99.1 (3,498.8) 32.5 (1,145.9)
At 75% of Power Rating: m3/hr (ft3/hr) 77.2 (2,726.7)
27.7 (977.1)
At 50% of Power Rating: m3/hr (ft3/hr) 54.2 (1,913.7)
18.7 (658.5)
// 
Cooling - Radiator System
Ambient Capacity of Radiator: °C (°F)
50 (122)*
Maximum Restriction of Cooling Air, Intake,
and Discharge Side of Rad.: kPa (in. H
20)
0.12 (0.5)
Water Pump Capacity: L/min (gpm)
660 (174)
Heat Rejection to Coolant: kW (BTUM)
365 (20,784)
Heat Radiated to Ambient: kW (BTUM)
88.5 (5,030)
Fan Power: kW (hp)
20.9 (28)
20.9 (28)
* Installation of enclosures reduces the ambient capacity
of the cooling system by 1 °C (1.8 °F). Gravity exhaust
louvers reduce ambient capacity of the cooling system
by an additional 3 °C (5.5 °F).
// 
Air Requirements
Aspirating: *m3/min (SCFM)
19.4 (664)
Air Flow Required for Rad.
Cooled Unit: **m3/min (SCFM)
1,019 (36,000)
Remote Cooled Applications;
Air Flow Required for Dissipation
of Radiated Gen-set Heat for a
Max of 25 °F Rise: *m3/min (SCFM)
321 (11,350)
* Air density = 1.184 kg/m3 (0.0739 lbm/ft3)
** At 0.25 kPa (1 in. H
20) static pressure and
52 °C (125 °F) at radiator
// 
Exhaust System
Gas Temp. (Stack): °C (°F)
607 (1,125)
Gas Volume at Stack
Temp: m3/min (CFM)
58.6 (2,070)
Maximum Allowable
Back Pressure: kPa (in. H
20)
2.5 (10.25)
APPLICATION DATA


유사한 부품 번호 - GS350-6S

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
GS35 ETC2-GS35 Datasheet
163Kb / 2P
   Gold Seal Series Public Address Amplifiers
logo
Mallory performance clu...
GS356 MALLORY-GS356 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
logo
Semtech Corporation
GS3590 SEMTECH-GS3590 Datasheet
4Mb / 118P
   Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
GS3590-INE3 SEMTECH-GS3590-INE3 Datasheet
4Mb / 118P
   Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
GS3590-INTE3 SEMTECH-GS3590-INTE3 Datasheet
4Mb / 118P
   Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
More results

유사한 설명 - GS350-6S

제조업체부품명데이터시트상세설명
logo
MTU Onsite Energy Corpo...
GS400-6S MTU-GS400-6S Datasheet
512Kb / 4P
   GAS GENERATOR SET
MTU4R0113DS125 MTU-MTU4R0113DS125 Datasheet
439Kb / 4P
   GAS GENERATOR SET
MTU6R0185GS200 MTU-MTU6R0185GS200 Datasheet
381Kb / 4P
   GAS GENERATOR SET
MTU6V0072GS40 MTU-MTU6V0072GS40 Datasheet
459Kb / 4P
   GAS GENERATOR SET
MTU12V0183GS400 MTU-MTU12V0183GS400 Datasheet
495Kb / 4P
   GAS GENERATOR SET
40-GC6NLT1 MTU-40-GC6NLT1_14 Datasheet
466Kb / 4P
   GAS GENERATOR SET
MTU4R0075GS30 MTU-MTU4R0075GS30 Datasheet
271Kb / 4P
   GAS GENERATOR SET
MTU8V0071GS60 MTU-MTU8V0071GS60 Datasheet
441Kb / 4P
   GAS GENERATOR SET
60-GC6NLT1-STANDBY MTU-60-GC6NLT1-STANDBY Datasheet
440Kb / 4P
   GAS GENERATOR SET
30-GC6NLT1 MTU-30-GC6NLT1_14 Datasheet
271Kb / 4P
   GAS GENERATOR SET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com