전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7665S2TR1PBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRF7665S2TR1PBF
상세설명  Key parameters optimized for Class-D audio amplifier applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7665S2TR1PBF 데이터시트(HTML) 1 Page - International Rectifier

  IRF7665S2TR1PBF Datasheet HTML 1Page - International Rectifier IRF7665S2TR1PBF Datasheet HTML 2Page - International Rectifier IRF7665S2TR1PBF Datasheet HTML 3Page - International Rectifier IRF7665S2TR1PBF Datasheet HTML 4Page - International Rectifier IRF7665S2TR1PBF Datasheet HTML 5Page - International Rectifier IRF7665S2TR1PBF Datasheet HTML 6Page - International Rectifier IRF7665S2TR1PBF Datasheet HTML 7Page - International Rectifier IRF7665S2TR1PBF Datasheet HTML 8Page - International Rectifier IRF7665S2TR1PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
07/02/09
IRF7665S2TRPbF
IRF7665S2TR1PbF
Notes
 through Š are on page 2
Applicable DirectFET Outline and Substrate Outline (see p. 6, 7 for details)
DIGITALAUDIOMOSFET
Description
This Digital Audio MOSFET is specifically designed for Class-D audio amplifier applications. This MOSFET utilizes the
latest processing techniques to achieve low on-resistance per silicon area. Furthermore, gate charge, body-diode reverse
recovery and internal gate resistance are optimized to improve key Class-D audio amplifier performance factors such as
efficiency, THD, and EMI.
The IRF7665S2TR/TR1PbF device utilizes DirectFETTM packaging technology. DirectFETTM packaging technology offers lower
parasitic inductance and resistance when compared to conventional wirebonded SOIC packaging. Lower inductance im-
proves EMI performance by reducing the voltage ringing that accompanies fast current transients. The DirectFETTM package is
compatible with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red
or convection soldering techniques, when application note AN-1035 is followed regarding the manufacturing method and
processes. The DirectFETTM package also allows dual sided cooling to maximize thermal transfer in power systems, improving
thermal resistance and power dissipation. These features combine to make this MOSFET a highly efficient, robust and reliable
device for Class-D audio amplifier applications.
Features
• Key parameters optimized for Class-D audio amplifier
applications
• Low RDS(on) for improved efficiency
• Low Qg for better THD and improved efficiency
• Low Qrr for better THD and lower EMI
• Low package stray inductance for reduced ringing and lower
EMI
• Can deliver up to 100W per channel into 8Ω with no heatsink Š
• Dual sided cooling compatible
· Compatible with existing surface mount technologies
· RoHS compliant containing no lead or bromide
· Lead-Free (Qualified up to 260°C Reflow)
· Industrial Qualified
DirectFET
™ISOMETRIC
PD - 96239
SB
SC
M2
M4
L4
L6
L8
SB
VDS
100
V
RDS(on) typ. @ VGS = 10V
51
m
:
Qg typ.
8.3
nC
RG(int) typ.
3.5
Key Parameters
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Maximum Power Dissipation
PD @TC = 100°C
Power Dissipation
j
PD @TA = 25°C
Power Dissipation
j
Linear Derating Factor
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
e
–––
63
RθJA
Junction-to-Ambient
h
12.5
–––
RθJA
Junction-to-Ambient
i
20
–––
RθJ-Can
Junction-to-Can
jk
–––
5.0
RθJ-PCB
Junction-to-PCB Mounted
1.4
–––
°C/W
V
A
W
°C
-55 to + 175
0.2
15
2.4
30
Max.
10.2
4.1
58
100
± 20
14.4


유사한 부품 번호 - IRF7665S2TR1PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7665S2TRPBF IRF-IRF7665S2TRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
More results

유사한 설명 - IRF7665S2TR1PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFS5615PBF IRF-IRFS5615PBF_15 Datasheet
351Kb / 9P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
logo
Kersemi Electronic Co.,...
IRFB4212 KERSEMI-IRFB4212 Datasheet
832Kb / 7P
   Key parameters optimized for Class-D audio amplifier applications
IRFB4212PBF KERSEMI-IRFB4212PBF Datasheet
832Kb / 7P
   Key parameters optimized for Class-D audio amplifier applications
logo
International Rectifier
IRFS4020PBF IRF-IRFS4020PBF_15 Datasheet
337Kb / 9P
   Key parameters optimized for Class-D audio amplifier applications
IRFB5615PBF IRF-IRFB5615PBF_15 Datasheet
277Kb / 7P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
IRFB5620PBF IRF-IRFB5620PBF_15 Datasheet
274Kb / 7P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
IRFB4020PBF IRF-IRFB4020PBF_15 Datasheet
647Kb / 8P
   Key parameters optimized for Class-D audio amplifier applications
IRFB4212PBF IRF-IRFB4212PBF_15 Datasheet
298Kb / 8P
   Key parameters optimized for Class-D audio amplifier applications
logo
Kersemi Electronic Co.,...
IRFB4019PBF KERSEMI-IRFB4019PBF Datasheet
831Kb / 7P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
IRFB4019 KERSEMI-IRFB4019 Datasheet
831Kb / 7P
   Key Parameters Optimized for Class-D Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com