전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7749L2TR1PBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRF7749L2TR1PBF
상세설명  RoHS Compliant, Halogen Free
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7749L2TR1PBF 데이터시트(HTML) 1 Page - International Rectifier

  IRF7749L2TR1PBF Datasheet HTML 1Page - International Rectifier IRF7749L2TR1PBF Datasheet HTML 2Page - International Rectifier IRF7749L2TR1PBF Datasheet HTML 3Page - International Rectifier IRF7749L2TR1PBF Datasheet HTML 4Page - International Rectifier IRF7749L2TR1PBF Datasheet HTML 5Page - International Rectifier IRF7749L2TR1PBF Datasheet HTML 6Page - International Rectifier IRF7749L2TR1PBF Datasheet HTML 7Page - International Rectifier IRF7749L2TR1PBF Datasheet HTML 8Page - International Rectifier IRF7749L2TR1PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.irf.com
1
DirectFET
™ Power MOSFET ‚
Typical values (unless otherwise specified)
PD - 97434
IRF7749L2TRPbF
IRF7749L2TR1PbF
DirectFET
™ ISOMETRIC
L8
Applicable DirectFET Outline and Substrate Outline

l RoHS Compliant, Halogen Free

l Lead-Free (Qualified up to 260°C Reflow)
l Ideal for High Performance Isolated Converter
Primary Switch Socket
l Optimized for Synchronous Rectification
l Low Conduction Losses
l High Cdv/dt Immunity
l Low Profile (<0.7mm)
l Dual Sided Cooling Compatible

l Compatible with existing Surface Mount Techniques

l Industrial Qualified
Description
The IRF7749L2TR/TR1PbF combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to
achieve the lowest on-state resistance in a package that has a footprint smaller than a D2PAK and only 0.7 mm profile. The DirectFET package
is compatible with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection
soldering techniques, when application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET package
allows dual sided cooling to maximize thermal transfer in power systems.
The IRF7749L2TR/TR1PbF is optimized for high frequency switching and synchronous rectification applications. The reduced total losses
in the device coupled with the high level of thermal performance enables high efficiency and low temperatures, which are key for system
reliability improvements, and makes this device ideal for high performance power converters.
11/17/09
Fig 1. Typical On-Resistance vs. Gate Voltage
 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET Website.
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple mounted to top (Drain) of part.
… Repetitive rating; pulse width limited by max. junction temperature.
† Starting TJ = 25°C, L = 0.035mH, RG = 25Ω, IAS = 120A.
Notes:
Fig 2. Typical On-Resistance vs. Drain Current
SB
SC
M2
M4
L4
L6
L8
D
S
G
D
S
S
S
S
S
S
S
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)f
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)f
A
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)e
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Package Limited) f
IDM
Pulsed Drain Current
g
EAS
Single Pulse Avalanche Energy
h
mJ
IAR
Avalanche Current
Ãg
A
120
375
260
Max.
140
33
800
±20
60
200
4.0
6.0
8.0
10.0
12.0
14.0
16.0
VGS, Gate-to-Source Voltage (V)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
TJ = 25°C
TJ = 125°C
ID = 120A
40
80
120
160
200
ID, Drain Current (A)
0.80
1.00
1.20
1.40
1.60
TC= 25°C
VGS = 6.0V
VGS = 8.0V
VGS = 10V
VGS = 14V
VDSS
VGS
RDS(on)
60V min ±20V max 1.1m
Ω@ 10V
Qg tot
Qgd
Vgs(th)
200nC
71nC
2.9V


유사한 부품 번호 - IRF7749L2TR1PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7749L2TR1PBF IRF-IRF7749L2TR1PBF Datasheet
319Kb / 11P
   DirectFETPower MOSFET
More results

유사한 설명 - IRF7749L2TR1PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7749L1PBF IRF-IRF7749L1PBF Datasheet
275Kb / 10P
   RoHS Compliant, Halogen Free
logo
YAGEO Corporation
PF2512FKF070R01L YAGEO-PF2512FKF070R01L Datasheet
332Kb / 10P
   RoHS compliant & Halogen free
logo
Advanced Power Electron...
AP4224LGM A-POWER-AP4224LGM_16 Datasheet
113Kb / 6P
   RoHS Compliant & Halogen-Free
AP95T10GP-HF A-POWER-AP95T10GP-HF_16 Datasheet
67Kb / 5P
   RoHS Compliant & Halogen-Free
AP97T07GP-HF A-POWER-AP97T07GP-HF_16 Datasheet
99Kb / 5P
   RoHS Compliant & Halogen-Free
AP1332GEU-HF A-POWER-AP1332GEU-HF_16 Datasheet
64Kb / 5P
   RoHS Compliant & Halogen-Free
AP2301AGN-HF A-POWER-AP2301AGN-HF_16 Datasheet
66Kb / 5P
   RoHS Compliant & Halogen-Free
AP2625GY-HF A-POWER-AP2625GY-HF_16 Datasheet
68Kb / 5P
   RoHS Compliant & Halogen-Free
logo
Shanghai Leiditech Elec...
SMD2920P100TF-60 LEIDITECH-SMD2920P100TF-60 Datasheet
424Kb / 4P
   RoHS Compliant & Halogen Free
logo
Advanced Power Electron...
AP9926GM-HF A-POWER-AP9926GM-HF_14 Datasheet
66Kb / 4P
   RoHS Compliant & Halogen-Free
AP2611GYT-HF A-POWER-AP2611GYT-HF_14 Datasheet
56Kb / 4P
   RoHS Compliant & Halogen-Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com