전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFB3407ZPBF 데이터시트(PDF) 8 Page - International Rectifier

부품명 IRFB3407ZPBF
상세설명  Hard Switched and High Frequency Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFB3407ZPBF 데이터시트(HTML) 8 Page - International Rectifier

  IRFB3407ZPBF Datasheet HTML 1Page - International Rectifier IRFB3407ZPBF Datasheet HTML 2Page - International Rectifier IRFB3407ZPBF Datasheet HTML 3Page - International Rectifier IRFB3407ZPBF Datasheet HTML 4Page - International Rectifier IRFB3407ZPBF Datasheet HTML 5Page - International Rectifier IRFB3407ZPBF Datasheet HTML 6Page - International Rectifier IRFB3407ZPBF Datasheet HTML 7Page - International Rectifier IRFB3407ZPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8 www.irf.com
© 2013 International Rectifier
March 15, 2013
IRFB3407ZPbF
TO-220AB packages are not recommended for Surface Mount Application.
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/
TO-220AB Part Marking Information
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
E XAMPL E : T HIS IS AN IR F B 4310GPB F
Note: "P" in as s embly line pos ition
indicates "L ead - F ree"
INT E R NAT IONAL
PAR T NU MB E R
R E CT IF IE R
LOT CODE
AS S E MB LY
LOGO
Y= L AS T DIGIT OF
DAT E CODE :
WW= WORK WE E K
X= F ACT OR Y CODE
Note: "G" s uffix in part number
indicates "Halogen - F ree"
CAL E NDAR YE AR
IR WORLD HEADQUARTERS: 101N Sepulveda Blvd, El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
N/A
(per JE DE C J-S TD-020D†††)
RoHS compliant
(per JEDEC JESD47F††† guidelines)
Yes
Qualification information
Industrial††
Qualification level
TO-220AB
Moisture Sensitivity Level
† Qualification standards can be found at International Rectifier’s web site: http://www.irf.com/product-info/reliability/
†† Higher qualification ratings may be available should the user have such requirements. Please contact your
International Rectifier sales representative for further information: http:www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.


유사한 부품 번호 - IRFB3407ZPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFB3407ZPBF IRF-IRFB3407ZPBF Datasheet
249Kb / 8P
   Battery Management
IRFB3407ZPBF IRF-IRFB3407ZPBF_15 Datasheet
249Kb / 8P
   Battery Management
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com