전자부품 데이터시트 검색엔진 |
|
LS20024 데이터시트(PDF) 1 Page - TDK Electronics |
|
LS20024 데이터시트(HTML) 1 Page - TDK Electronics |
1 / 2 page 73 1-800-526-2324 • www.us.tdk-lambda.com/lp/ Disclaimer: us.tdk-lambda.com/lp/legal.htm LS200 Series Features Very low cost Small Size Wide Range AC Input Convection or Fan Cooled Three year warranty 1.6” high (For 1U racking) Single Output 150 - 200W General Purpose Power Supplies Model LS200 (Enclosed style with internal fan) LS200/L (U channel style - no internal fan) AC Input Voltage (300VAC for 5s) VAC 85 - 264VAC 85 - 264VAC (3) Input Frequency Hz 47 - 63Hz DC Input Voltage VDC 120 - 373VDC Inrush Current (230VAC, cold start) A 60 Power Factor - Meets EN61000-3-2, -3 (Typical PF 0.98/0.95)(1) Input Current (115/230VAC) A 3.5 / 1.7 (typical) Temperature Coefficient - <0.02%/°C (0 - 50°C) Overcurrent Protection - >105% of nominal or peak. Constant current style Overvoltage Protection (2) V 3.3V: 3.8 - 4.45V, 5V: 5.75 - 6.75V, 7.5V: 8.6 - 10.1V, 12V: 15.1 - 17.75V 15V: 17.25 - 20.25V, 24V: 30.25 - 35.5V, 36V: 41.4 - 48.6V, 48V: 60 - 69.6V Overtemperature Protection (2) - Yes Hold Up Time (115/230V input) ms 20ms Leakage Current (230VAC 60Hz) mA <1mA Remote Sense - Yes Remote On/Off - On: 0 - 0.8V; Off: 3 - 12V LED Indicator - Green LED = On Operating Temperature °C Fan or forced air rating: -25 to +70°C. Derate linearly to 60% load from +50 to +70°C Storage Temperature °C -40 to +85°C Operating Humidity - 20 - 90% RH (non condensing) Storage Humidity - 10 - 95% RH (non condensing) Cooling - Internal Fan (air exhausts from fan end) Convection or customer supplied airflow Withstand Voltage - Input to Ground 1.5kVAC, Input to Output 3kVAC, Output to Ground 500VAC for 1 min. Isolation Resistance - >100M at 25°C & 70%RH, Output to Ground 500VDC Vibration (non operating) - 10 - 55Hz: 19.6m/s2 constant sweep 1 min X, Y, Z for 1 hour Shock - < 196.1 m/s2 (20G) Immunity - IEC61000-4-2, -3, -4, -5, -6, -8, -11 Safety Agency Approvals - UL /CSA (cUL) /IEC 60950-1 (2nd Ed), CE Mark (Additionally evaluated to EN 60950-1) Conducted & Radiated EMI - EN55011/EN55022-B, FCC--B Weight (Typ) g 700 600 Size (LxWxH) in 7.8 x 3.9 x 1.61” Warranty yrs Three Years Specifications Notes: (1) 115 / 230VAC input (2) Recycle AC to reset (3) (Derate linearly to 65% load from 115VAC to 85VAC) Key Market Segments & Applications |
유사한 부품 번호 - LS20024 |
|
유사한 설명 - LS20024 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |