전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN23SV04TMPX 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FAN23SV04TMPX
상세설명  FAN23SV04T TinyBuck 4 A Integrated Synchronous Buck Regulator for DDR Termination
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN23SV04TMPX 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FAN23SV04TMPX Datasheet HTML 1Page - Fairchild Semiconductor FAN23SV04TMPX Datasheet HTML 2Page - Fairchild Semiconductor FAN23SV04TMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN23SV04TMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN23SV04TMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN23SV04TMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN23SV04TMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN23SV04TMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN23SV04TMPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN23SV04T • Rev. 1.0.1
4
Pin Configuration
9
34
17
26
18
27
10
8
7
2
3
6
5
4
16
15
14
13
12
11
19
20
21
22
23
24
25
33
28
29
30
31
32
PVIN
PVIN
SW
SW
SW
SW
SW
SW
FB
NC
NC
NC
VDDQ
EN
FREQ
SS
AGND
(P1)
PVIN
(P2)
SW
(P3)
1
PVIN
PVIN
SW
SW
SW
SW
SW
SW
FB
NC
NC
NC
VDDQ
EN
FREQ
SS
1
9
10
27
26
18
17
34
2
3
8
7
4
5
6
28
29
30
31
32
33
19
20
21
22
23
24
25
11
16
15
14
13
12
Figure 4. Bottom View
Figure 5. Top View
Pin Definitions
Name
Pad / Pin
Description
PVIN
P2; 5-11
Power input for the power stage.
VIN
1
Power input to the linear regulator; used in the modulator for input voltage feed-forward.
PVCC
25
Power output of the linear regulator; directly supplies power for the low-side gate driver
and boot diode. Can be connected to VIN and PVIN for operation from 5 V rail.
VCC
26
Power supply input for the controller.
PGND
18-21
Power ground for the low-side power MOSFET and for the low-side gate driver.
AGND
P1; 4, 23
Analog ground for the analog portions of the IC and for substrate.
SW
P3; 2, 12-17, 22 Switching node; junction between high-and low-side MOSFETs.
BOOT
3
Supply for high-side MOSFET gate driver. A capacitor from BOOT to SW supplies the
charge to turn on the N-channel high-side MOSFET. During the freewheeling interval
(low-side MOSFET on), the high-side capacitor is recharged by an internal diode
connected to PVCC.
ILIM
24
Current limit. A resistor between ILIM and SW sets the current-limit threshold.
FB
27
Output voltage feedback to the modulator.
EN
29
Enable input to the IC. Pin must be driven logic high to enable, or logic low to disable.
SS
30
Soft-Start input to the modulator
VDDQ
31
External reference input to the modulator. The modulator regulates to half of the voltage
at the VDDQ pin.
FREQ
32
On-time and frequency programming pin. Connect a resistor between FREQ and AGND
to program on-time and switching frequency.
NC
28, 33-34
Leave pin open or connect to AGND.


유사한 부품 번호 - FAN23SV04TMPX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN23SV04TAMPX ONSEMI-FAN23SV04TAMPX Datasheet
1Mb / 20P
   4A Synchronous Buck Regulator for DDR Termination
September 2015 Rev. 1.0
More results

유사한 설명 - FAN23SV04TMPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
logo
ON Semiconductor
FAN23SV04TAMPX ONSEMI-FAN23SV04TAMPX Datasheet
1Mb / 20P
   4A Synchronous Buck Regulator for DDR Termination
September 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
logo
ON Semiconductor
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
logo
Fairchild Semiconductor
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
FAN5361 FAIRCHILD-FAN5361 Datasheet
1Mb / 17P
   6MHz, 600mA TinyBuck??Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com