전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FCD620N60ZF 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FCD620N60ZF
상세설명  FCD620N60Z FN-Channel SuperFET II FRFET MOSFET 600 V 7.3 A 620 m廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCD620N60ZF 데이터시트(HTML) 6 Page - Fairchild Semiconductor

  FCD620N60ZF Datasheet HTML 1Page - Fairchild Semiconductor FCD620N60ZF Datasheet HTML 2Page - Fairchild Semiconductor FCD620N60ZF Datasheet HTML 3Page - Fairchild Semiconductor FCD620N60ZF Datasheet HTML 4Page - Fairchild Semiconductor FCD620N60ZF Datasheet HTML 5Page - Fairchild Semiconductor FCD620N60ZF Datasheet HTML 6Page - Fairchild Semiconductor FCD620N60ZF Datasheet HTML 7Page - Fairchild Semiconductor FCD620N60ZF Datasheet HTML 8Page - Fairchild Semiconductor FCD620N60ZF Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
©2013 Fairchild Semiconductor Corporation
FCD620N60ZF Rev. C3
www.fairchildsemi.com
6
Figure 13. Gate Charge Test Circuit & Waveform
Figure 14. Resistive Switching Test Circuit & Waveforms
Figure 15. Unclamped Inductive Switching Test Circuit & Waveforms
VGS
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
VDS
RL
DUT
RG
VGS
VGS
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
VDS
RL
DUT
RG
VGS
VGS
VGS
IG = const.


유사한 부품 번호 - FCD620N60ZF

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
FCD620N60ZF ISC-FCD620N60ZF Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FCD620N60ZF

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FCH041N60F-ND FAIRCHILD-FCH041N60F-ND Datasheet
600Kb / 9P
   FCH041N60F N-Channel SuperFET II FRFET MOSFET 600 V, 76 A, 41 m廓
FCH072N60F-ND FAIRCHILD-FCH072N60F-ND Datasheet
597Kb / 9P
   FCH072N60F N-Channel SuperFET II FRFET MOSFET 600 V, 52 A, 72 m廓
logo
ON Semiconductor
FCH104N60F-F085 ONSEMI-FCH104N60F-F085 Datasheet
407Kb / 10P
   MOSFET – N-Channel, SUPERFET II, FRFET 600 V, 37 A, 104 m
December, 2020 - Rev. 3
FCH041N60F-F085 ONSEMI-FCH041N60F-F085 Datasheet
515Kb / 10P
   MOSFET - N-Channel, SUPERFET II, FRFET 600 V, 76 A, 41 m
December, 2020 ??Rev. 3
NVB055N60S5F ONSEMI-NVB055N60S5F Datasheet
258Kb / 7P
   MOSFET - N-Channel SuperFET V, FRFET 600 V, 55 m, 45 A
April, 2022-Rev. 0
logo
Fairchild Semiconductor
FCD900N60ZCT-ND FAIRCHILD-FCD900N60ZCT-ND Datasheet
614Kb / 9P
   FCD900N60Z N-Channel SuperFET II MOSFET 600 V, 4.5 A, 900 m廓
logo
ON Semiconductor
FCH190N65F-F085 ONSEMI-FCH190N65F-F085 Datasheet
422Kb / 10P
   MOSFET – N-Channel, SUPERFET II, FRFET 650 V, 20.6 A, 190 m
November, 2019 - Rev. 3
FCH077N65F-F085 ONSEMI-FCH077N65F-F085 Datasheet
425Kb / 10P
   MOSFET ??N-Channel, SUPERFET II, FRFET 650 V, 54 A, 77 m
November, 2019 ??Rev. 3
FCH150N65F ONSEMI-FCH150N65F Datasheet
412Kb / 10P
   MOSFET ??N-Channel, SUPERFET II, FRFET 650 V, 24 A, 150 m
April, 2021 ??Rev. 4
FCPF190N65FL1-F154 ONSEMI-FCPF190N65FL1-F154 Datasheet
321Kb / 10P
   MOSFET – N-Channel, SUPERFET II, FRFET 650 V, 20.6 A, 190 m
December, 2020 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com