전자부품 데이터시트 검색엔진 |
|
LC015C 데이터시트(PDF) 4 Page - Lineage Power Corporation |
|
LC015C 데이터시트(HTML) 4 Page - Lineage Power Corporation |
4 / 24 page 4 Lineage Power Data Sheet March 27, 2008 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W LC/LW010- and LC/LW015-Series Power Modules: Output Current (At IO < IO, min, the modules may exceed output ripple specifications, but operation is guaranteed.) Note: On the Lx01xF, the output voltage may exceed specifications when IO <IO, min. Lx015D Lx015F Lx015A Lx015B Lx015C Lx010D, G* Lx010F Lx010A Lx010B Lx010C Lx010AJ Lx010BK Lx010CL IO IO IO IO IO IO IO IO IO IO IO1, IO2 IO1, IO2 IO1, IO2 0.35 0.25 0.15 0.12 0.10 0.2 0.15 0.1 0.08 0.06 0.1 0.06 0.05 — — — — — — — — — — — — — 3.0 3.0 3.0 1.25 1.0 2.0 2.42 2.0 0.83 0.67 1.0 0.42 0.33 A A A A A A A A A A A A A Output Current-limit Inception (VO = 90% VO, set; see Figures 12—14.) Lx015D Lx015F Lx015A Lx015B Lx015C Lx010D, G* Lx010F Lx010A Lx010B Lx010C Lx010AJ Lx010BK Lx010CL IO IO IO IO IO IO IO IO IO IO IO1, IO2 IO1, IO2 IO1, IO2 — — — — — — — — — — — — — — — — — — — — — — — — — — 7.5 6.5 5 3.1 2.5 7.0 5 4 2.5 2 4.0 2.5 2.5 A A A A A A A A A A A A A Output Short-circuit Current (VO = 0.25 V) Lx015D Lx015F Lx015A Lx015B Lx015C Lx010D, G* Lx010F Lx010A Lx010B Lx010C Lx010AJ Lx010BK Lx010CL IO IO IO IO IO IO IO IO IO IO IO1, IO2 IO1, IO2 IO1, IO2 — — — — — — — — — — — — — — — — — — — — — — — — — — 8.5 8.5 7.5 4.5 4.5 8 7.5 6 3.5 3.5 6.0 3.5 3.5 A A A A A A A A A A A A A * For a 2.5 V output, use the 2 V output module (D code) with an output voltage trim pin (optional feature). Table 2. Output Specifications (continued) Parameter Device Code or Suffix Symbol Min Typ Max Unit Electrical Specifications (continued) |
유사한 부품 번호 - LC015C |
|
유사한 설명 - LC015C |