전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC010B 데이터시트(PDF) 13 Page - Lineage Power Corporation

부품명 LC010B
상세설명  LC/LW010- and LC/LW015-Series Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

LC010B 데이터시트(HTML) 13 Page - Lineage Power Corporation

Back Button LC010B Datasheet HTML 9Page - Lineage Power Corporation LC010B Datasheet HTML 10Page - Lineage Power Corporation LC010B Datasheet HTML 11Page - Lineage Power Corporation LC010B Datasheet HTML 12Page - Lineage Power Corporation LC010B Datasheet HTML 13Page - Lineage Power Corporation LC010B Datasheet HTML 14Page - Lineage Power Corporation LC010B Datasheet HTML 15Page - Lineage Power Corporation LC010B Datasheet HTML 16Page - Lineage Power Corporation LC010B Datasheet HTML 17Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Lineage Power
13
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Characteristics Curves (continued)
8-1858(C)
Figure 28. LW010AJ, BK, CL Typical Efficiency vs.
Normalized Output Current at TC = 25 °C
8-1857(C)
Figure 29. Single-Output Typical Output Voltage for
Step Load Change from 50% to 75% of
IO = IO, max
8-1856(C)
Figure 30. Single-Output Typical Output Voltage for
Step Load Change from 50% to 25% of
IO =IO, max
8-1806(C)
Figure 31. Typical Output Voltage Start-Up when
Input Voltage Is Applied; IO = 80% of
IO, max, VI = Nominal Line
8-1807(C).a
Figure 32. Typical Output Voltage Start-Up when
Signal Is applied to Remote On/Off;
IO = 80% of IO, max
0.2
0.3
0.9 1.0
60
75
NORMALIZED OUTPUT CURRENT,
IO1 = IO2 [(IO1 + IO2)/(IO1, max + IO2, max)]
65
70
0
0.1
85
80
0.4
0.5
0.6
0.7
0.8
VI = 48 V
VI = 75 V
VI = 36 V
TIME, t (100 µs/div)
1.0
0.99
0.75
0.50
1.01
TIME, t (100 µs/div)
0.99
1.0
1.01
0.50
0.25
TIME, t (2 ms/div)
1.0
0
1.0
0
TIME, t (1 ms/div)
1.0
0.0
4.0
2.0
0


유사한 부품 번호 - LC010B

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
LC010B MACOM-LC010B Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
LC010B GE-LC010B Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC010B LINEAGEPOWER-LC010B Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Tyco Electronics
LC010BK MACOM-LC010BK Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
LC010BK GE-LC010BK Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results

유사한 설명 - LC010B

제조업체부품명데이터시트상세설명
logo
General Semiconductor
LC015D GE-LC015D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015A91 LINEAGEPOWER-LC015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW015A91 LINEAGEPOWER-LW015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
General Semiconductor
JC030D-M GE-JC030D-M Datasheet
738Kb / 20P
   JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com