전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC010C 데이터시트(PDF) 12 Page - Lineage Power Corporation

부품명 LC010C
상세설명  LC/LW010- and LC/LW015-Series Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

LC010C 데이터시트(HTML) 12 Page - Lineage Power Corporation

Back Button LC010C Datasheet HTML 8Page - Lineage Power Corporation LC010C Datasheet HTML 9Page - Lineage Power Corporation LC010C Datasheet HTML 10Page - Lineage Power Corporation LC010C Datasheet HTML 11Page - Lineage Power Corporation LC010C Datasheet HTML 12Page - Lineage Power Corporation LC010C Datasheet HTML 13Page - Lineage Power Corporation LC010C Datasheet HTML 14Page - Lineage Power Corporation LC010C Datasheet HTML 15Page - Lineage Power Corporation LC010C Datasheet HTML 16Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
12
Lineage Power
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Characteristics Curves (continued)
8-1864(C)
Figure 22. LW015A Typical Efficiency vs. Output
Current at TC = 25 °C
8-1863(C)
Figure 23. LW015B, C Typical Efficiency vs.
Normalized Output Current at TC = 25 °C
8-1862(C)
Figure 24. LW010D, 015D Typical Efficiency vs.
Output Current at TC = 25 °C
8-1861(C)
Figure 25. LW015F Typical Efficiency vs. Output
Current at TC = 25 °C
8-1860(C)
Figure 26. LW010A, B, C Typical Efficiency vs.
Normalized Output Current at TC = 25 °C
8-1859(C)
Figure 27. LW010F Typical Efficiency vs. Output
Current at TC = 25 °C
1.0
1.5
2.0
2.5
60
85
OUTPUT CURRENT, IO (A)
75
80
0.0
0.5
3.0
90
70
65
VI = 48 V
VI = 75 V
VI = 36 V
0.33
0.5
0.66
0.83
70
80
NORMALIZED OUTPUT CURRENT (IO/IO, max)
76
78
0.05
0.19
1.0
82
74
72
VI = 48 V
VI = 75 V
VI = 36 V
1.0
1.5
2.0
2.5
10
60
OUTPUT CURRENT, IO (A)
40
50
0.0
0.5
3.0
80
30
20
VI = 48 V
VI = 75 V
VI = 36 V
70
1.0
1.5
2.0
2.5
60
75
OUTPUT CURRENT, IO (A)
65
70
0.0
0.5
3.0
85
VI = 48 V
VI = 75 V
VI = 36 V
80
0.20
0.43
0.57
0.71
70
78
NORMALIZED OUTPUT CURRENT (IO/IO, max )
74
76
0.0
0.14
1.0
82
80
72
0.86
VI = 48 V
VI = 75 V
VI = 36 V
1.0
1.5
2.0
2.5
60
76
OUTPUT CURRENT, IO (A)
72
74
0.0
0.5
80
78
62
VI = 48 V
VI = 75 V
VI = 36 V
64
66
68
70


유사한 부품 번호 - LC010C

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
LC010C MACOM-LC010C Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
LC010C GE-LC010C Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC010C LINEAGEPOWER-LC010C Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Cree, Inc
LC010C CREE-LC010C Datasheet
1Mb / 15P
   Saga series
logo
Tyco Electronics
LC010CL MACOM-LC010CL Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results

유사한 설명 - LC010C

제조업체부품명데이터시트상세설명
logo
General Semiconductor
LC015D GE-LC015D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015A91 LINEAGEPOWER-LC015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW015A91 LINEAGEPOWER-LW015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
General Semiconductor
JC030D-M GE-JC030D-M Datasheet
738Kb / 20P
   JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com