전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC3151IRGCR 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC3151IRGCR
상세설명  Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3151IRGCR 데이터시트(HTML) 3 Page - Texas Instruments

  DAC3151IRGCR Datasheet HTML 1Page - Texas Instruments DAC3151IRGCR Datasheet HTML 2Page - Texas Instruments DAC3151IRGCR Datasheet HTML 3Page - Texas Instruments DAC3151IRGCR Datasheet HTML 4Page - Texas Instruments DAC3151IRGCR Datasheet HTML 5Page - Texas Instruments DAC3151IRGCR Datasheet HTML 6Page - Texas Instruments DAC3151IRGCR Datasheet HTML 7Page - Texas Instruments DAC3151IRGCR Datasheet HTML 8Page - Texas Instruments DAC3151IRGCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
12
12-b
DACA
Control Interface
Clock Distribution
EXTIO
BIASJ
IOUTAP
IOUTAN
DACCLKP
DACCLKN
DATACLKP
DATACLKN
DATA11P
DATA11N
SYNCP
SYNCN
ALIGNP
ALIGNN
QMC
A-offset
VDDA33
LVPECL
LVDS
LVPECL
LVDS
LVDS
12
Programmable
Delay
1.2 V
Reference
DATA0P
DATA0N
LVDS
DACA
Gain
Optional Input
Used for multi-DAC sync
DAC3151
DAC3161
DAC3171
www.ti.com
SLAS959A – AUGUST 2013 – REVISED AUGUST 2013
Figure 2. DAC3161 Full Word Interface Mode
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DAC3151 DAC3161 DAC3171


유사한 부품 번호 - DAC3151IRGCR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
More results

유사한 설명 - DAC3151IRGCR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Texas Instruments
ADS54RF63 TI-ADS54RF63 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5463 TI1-ADS5463_14 Datasheet
1Mb / 49P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
logo
Analog Devices
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com