전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1020000000 데이터시트(PDF) 4 Page - Weidmuller

부품명 1020000000
상세설명  Product catalogue Terminals Screwing technology W-series modular terminals Modular feed-through terminals
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEIDMULLER [Weidmuller]
홈페이지  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1020000000 데이터시트(HTML) 4 Page - Weidmuller

  1020000000 Datasheet HTML 1Page - Weidmuller 1020000000 Datasheet HTML 2Page - Weidmuller 1020000000 Datasheet HTML 3Page - Weidmuller 1020000000 Datasheet HTML 4Page - Weidmuller 1020000000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Product catalogue | Terminals | Screwing technology | W-series modular terminals | Modular feed-through terminals | W-
Standard | 2,5 mm²
- 4 -
Approvals
Approvals institutes
Downloads
DXF
09252_WDU_2.5_DXF.dxf
STEP
1020000000_09252_WDU_2.5_STP.stp
Classifications
ETIM 2.0
EC000897
ETIM 3.0
EC000897
eClass 4.1
27-14-11-20
eClass 5.0
27-14-11-20
eClass 5.1
27-14-11-20
Similar products
Order No.
Part designation
Version
1020080000
WDU 2.5 BL
Feed-through terminal, 2.5 mm², Screw connection, Wemid, blue,
TS 35
1020090000
WDU 2.5 GN
Feed-through terminal, 2.5 mm², Screw connection, Wemid, green,
TS 35
1020010000
WDU 2.5 SW
Feed-through terminal, 2.5 mm², Screw connection, Wemid, black,
TS 35
1020020000
WDU 2.5 GE
Feed-through terminal, 2.5 mm², Screw connection, Wemid, yellow,
TS 35
1037720000
WDU 2.5 GR
Feed-through terminal, 2.5 mm², Screw connection, Wemid, grey,
TS 35
1037700000
WDU 2.5 PA/VI
Feed-through terminal, 2.5 mm², Screw connection, PA 66, violet,
TS 35
1036800000
WDU 2.5 WS
Feed-through terminal, 2.5 mm², Screw connection, Wemid, white,
TS 35
1020700000
WDU 2.5/10 BEZ
Feed-through terminal, 2.5 mm², Screw connection, Wemid, dark
beige, TS 35
1020800000
WDU 2.5/10 BEZ/NE
Feed-through terminal, 2.5 mm², Screw connection, Wemid, dark
beige, TS 35


유사한 부품 번호 - 1020000000

제조업체부품명데이터시트상세설명
logo
ERNI Electronics
102000100001 ERNI-102000100001 Datasheet
68Kb / 1P
   Messerl. SMC-Q-12-SMD-BA7-03
More results

유사한 설명 - 1020000000

제조업체부품명데이터시트상세설명
logo
Weidmuller
1036180000 WEIDMULLER-1036180000 Datasheet
100Kb / 3P
   Modular feed-through terminals
0337100000 WEIDMULLER-0337100000 Datasheet
66Kb / 1P
   Modular feed-through terminals
1036100000 WEIDMULLER-1036100000 Datasheet
96Kb / 3P
   Modular feed-through terminals
logo
Altech corporation
CSC2.5T ALTECH-CSC2.5T Datasheet
782Kb / 8P
   FEED-THROUGH Spring Clamp Terminals
logo
Weidmuller
0241760000 WEIDMULLER-0241760000 Datasheet
552Kb / 1P
   Direct Mount Terminals Feed Through
1028400000 WEIDMULLER-1028400000 Datasheet
391Kb / 9P
   Bolt-type screw terminals, Feed-through terminal
October 6, 2021
1029300000 WEIDMULLER-1029300000 Datasheet
397Kb / 9P
   Bolt-type screw terminals, Feed-through terminal
October 4, 2021
logo
List of Unclassifed Man...
WDK2.5 ETC-WDK2.5 Datasheet
659Kb / 13P
   he WDK two-tier modular terminals can feed two potentials in one terminal.
logo
Molex Electronics Ltd.
63827-4070 MOLEX-63827-4070 Datasheet
365Kb / 4P
   Modular Crimp Tooling Kit for Guardian Power Receptacle Terminals
02-11-15
logo
PHOENIX CONTACT
3100305 PHOENIX-3100305 Datasheet
131Kb / 5P
   Feed-through modular terminal block
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com