전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT22C10PI-20TE13 데이터시트(PDF) 5 Page - Catalyst Semiconductor

부품명 CAT22C10PI-20TE13
상세설명  256-Bit Nonvolatile CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT22C10PI-20TE13 데이터시트(HTML) 5 Page - Catalyst Semiconductor

  CAT22C10PI-20TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT22C10PI-20TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT22C10PI-20TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT22C10PI-20TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT22C10PI-20TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT22C10PI-20TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT22C10PI-20TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT22C10PI-20TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT22C10PI-20TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CAT22C10
5
Doc. No. 25018-0A 2/98 N-1
A.C. CHARACTERISTICS, Store Cycle
VCC = +5V ±10%, unless otherwise specified.
Limits
Symbol
Parameter
Min.
Max.
Units
Conditions
tSTC
Store Time
10
ms
tSTP
Store Pulse Width
200
ns
CL = 100pF + 1TTL gate
tSTZ(1)
Store Disable Time
100
ns
VOH = 2.2V, VOL = 0.65V
tOST(1)
Store Enable Time
0
ns
VIH = 2.2V, VIL = 0.65V
A.C. CHARACTERISTICS, Recall Cycle
VCC = +5V ±10%, unless otherwise specified.
Limits
Symbol
Parameter
Min.
Max.
Units
Conditions
tRCC
Recall Cycle Time
1.4
µs
tRCP
Recall Pulse Width
300
ns
CL = 100pF + 1TTL gate
tRCZ
Recall Disable Time
100
ns
VOH = 2.2V, VOL = 0.65V
tORC
Recall Enable Time
0
ns
VIH = 2.2V, VIL = 0.65V
tARC
Recall Data Access Time
1.1
µs
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.


유사한 부품 번호 - CAT22C10PI-20TE13

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT22C10PI-20-TE13 CATALYST-CAT22C10PI-20-TE13 Datasheet
508Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
More results

유사한 설명 - CAT22C10PI-20TE13

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT22C10J-30 ONSEMI-CAT22C10J-30 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10_04 Datasheet
508Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT22C10LI-20 ONSEMI-CAT22C10LI-20 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT22C10 ONSEMI-CAT22C10 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT24C44 ONSEMI-CAT24C44_08 Datasheet
65Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44LI-G ONSEMI-CAT24C44LI-G Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44J ONSEMI-CAT24C44J Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44W ONSEMI-CAT24C44W Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44V ONSEMI-CAT24C44V Datasheet
67Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44P ONSEMI-CAT24C44P Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com