전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24C018RI-1.8TE13 데이터시트(PDF) 5 Page - Catalyst Semiconductor

부품명 CAT24C018RI-1.8TE13
상세설명  1K-Bit Serial EEPROM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C018RI-1.8TE13 데이터시트(HTML) 5 Page - Catalyst Semiconductor

  CAT24C018RI-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C018RI-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C018RI-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C018RI-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C018RI-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C018RI-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C018RI-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CAT24C01B
5
Doc. No. 25085-00 7/99 S-1
START Condition
The START Condition precedes all commands to the
device, and is defined as a HIGH to LOW transition of
SDA when SCL is HIGH. The CAT24C01B monitors the
SDA and SCL lines and will not respond until this
condition is met.
STOP Condition
A LOW to HIGH transition of SDA when SCL is HIGH
determines the STOP condition. All operations must end
with a STOP condition.
Acknowledge
After a successful data transfer, each receiving device is
required to generate an acknowledge. The Acknowledg-
ing device pulls down the SDA line during the ninth clock
cycle, signaling that it received the 8 bits of data.
The CAT24C01B responds with an acknowledge after
receiving a START condition and its word address. If the
device has been selected along with a write operation,
it responds with an acknowledge after receiving each 8-
bit byte.
When the CAT24C01B is in a READ mode it transmits
8 bits of data, releases the SDA line, and monitors the
line for an acknowledge. Once it receives this acknowl-
edge, the CAT24C01B will continue to transmit data. If
no acknowledge is sent by the Master, the device
terminates data transmission and waits for a STOP
condition.
WRITE OPERATIONS
Byte Write
In the Byte Write mode, the Master device sends the
START condition and the word address information
(with the R/
W bit set to zero) to the Slave device. After the
Slave generates an acknowledge, the Master device
transmits the data byte to be written into the addressed
memory location. The CAT24C01B acknowledge once
more and the Master generates the STOP condition, at
which time the device begins its internal programming
cycle to nonvolatile memory. While this internal cycle is
in progress, the device will not respond to any request
from the Master device.
Page Write
The CAT24C01B writes up to 4 bytes of data in a single
write cycle, using the Page Write operation. The Page
Write operation is initiated in the same manner as the
Byte Write operation, however instead of terminating
after the initial word is transmitted, the Master is allowed
to send up to 3 additional bytes. After each byte has been
transmitted the CAT24C01B will respond with an ac-
knowledge, and internally increment the low order ad-
dress bits by one. The high order bits remain un-
changed.
If the Master transmits more than 4 bytes prior to sending
the STOP condition, the address counter ‘wraps around,’
and previously transmitted data will be overwritten.
Once all 4 bytes are received and the STOP condition
has been sent by the Master, the internal programming
cycle begins. At this point all received data is written to
the CAT24C01B in a single write cycle.
Acknowledge Polling
The disabling of the inputs can be used to take advan-
Figure 4. Acknowledge Timing
5020 FHD F06
ACKNOWLEDGE
1
START
SCL FROM
MASTER
89
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER


유사한 부품 번호 - CAT24C018RI-1.8TE13

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAT24C01 ONSEMI-CAT24C01 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C01 ONSEMI-CAT24C01 Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM PDIP?? L SUFFIX
February, 2013 ??Rev. 26
More results

유사한 설명 - CAT24C018RI-1.8TE13

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24C01B CATALYST-CAT24C01B_05 Datasheet
611Kb / 8P
   1K-Bit Serial EEPROM
logo
STMicroelectronics
TS59C11 STMICROELECTRONICS-TS59C11 Datasheet
168Kb / 8P
   1K BIT SERIAL CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Microchip Technology
93C06 MICROCHIP-93C06 Datasheet
432Kb / 8P
   256 Bit/1K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
logo
Microchip Technology
24AA014 MICROCHIP-24AA014 Datasheet
337Kb / 24P
   1K I2C??Serial EEPROM
2005
24AA01T MICROCHIP-24AA01T Datasheet
338Kb / 24P
   1K I2C Serial EEPROM
2003
24AA014 MICROCHIP-24AA014_09 Datasheet
528Kb / 30P
   1K I2C??Serial EEPROM
2009
24AA01 MICROCHIP-24AA01_07 Datasheet
417Kb / 26P
   1K I2C??Serial EEPROM
2007
24VL014 MICROCHIP-24VL014 Datasheet
485Kb / 30P
   1K I2C??Serial EEPROM
2009
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com