전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24C018RI-1.8TE13 데이터시트(PDF) 7 Page - Catalyst Semiconductor

부품명 CAT24C018RI-1.8TE13
상세설명  1K-Bit Serial EEPROM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C018RI-1.8TE13 데이터시트(HTML) 7 Page - Catalyst Semiconductor

  CAT24C018RI-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C018RI-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C018RI-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C018RI-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C018RI-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C018RI-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C018RI-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CAT24C01B
7
Doc. No. 25085-00 7/99 S-1
Figure 7. Byte Read Timing
BUS ACTIVITY
MASTER
SDA LINE
DATA n+x
A
C
K
A
C
K
DATA n+1
S
T
O
P
A
C
K
DATA n+2
A
C
K
P
ADDRESS
R
/
W
DATA n
BUS ACTIVITY
CAT24C01B
Figure 8. Sequential Read Timing
Prefix
Device #
Suffix
24C01B
J
I
TE13
Product Number
24C01B: 1K
Tape & Reel
TE13: 2000/Reel
Package
P: PDIP
J: SOIC (JEDEC)
U: TSSOP
R: MSOP
Operating Voltage
Blank: 2.5V - 6.0V
1.8: 1.8V - 6.0V
-1.8
CAT
Temperature Range
Blank = Commercial (0˚ - 70˚C)
I = Industrial (-40˚ - 85˚C)
A = Automotive (-40˚ - 105˚C)*
* -40˚ to +125˚C is available upon request
Optional
Company ID
ORDERING INFORMATION
Notes:
(1) The device used in the above example is a 24C01BJI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 6 Volt Operating
Voltage, Tape & Reel)
BUS ACTIVITY
MASTER
SDA LINE
A
C
K
A
C
K
DATA n
S
T
O
P
S
S
T
A
R
T
P
WORD
ADDRESS(n)
M
S
B
L
S
B
R
/
W
BUS ACTIVITY
CAT24C01B


유사한 부품 번호 - CAT24C018RI-1.8TE13

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAT24C01 ONSEMI-CAT24C01 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C01 ONSEMI-CAT24C01 Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM PDIP?? L SUFFIX
February, 2013 ??Rev. 26
More results

유사한 설명 - CAT24C018RI-1.8TE13

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24C01B CATALYST-CAT24C01B_05 Datasheet
611Kb / 8P
   1K-Bit Serial EEPROM
logo
STMicroelectronics
TS59C11 STMICROELECTRONICS-TS59C11 Datasheet
168Kb / 8P
   1K BIT SERIAL CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Microchip Technology
93C06 MICROCHIP-93C06 Datasheet
432Kb / 8P
   256 Bit/1K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
logo
Microchip Technology
24AA014 MICROCHIP-24AA014 Datasheet
337Kb / 24P
   1K I2C??Serial EEPROM
2005
24AA01T MICROCHIP-24AA01T Datasheet
338Kb / 24P
   1K I2C Serial EEPROM
2003
24AA014 MICROCHIP-24AA014_09 Datasheet
528Kb / 30P
   1K I2C??Serial EEPROM
2009
24AA01 MICROCHIP-24AA01_07 Datasheet
417Kb / 26P
   1K I2C??Serial EEPROM
2007
24VL014 MICROCHIP-24VL014 Datasheet
485Kb / 30P
   1K I2C??Serial EEPROM
2009
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com