전자부품 데이터시트 검색엔진 |
|
TS334 데이터시트(PDF) 7 Page - STMicroelectronics |
|
TS334 데이터시트(HTML) 7 Page - STMicroelectronics |
7 / 27 page DocID17272 Rev 4 7/27 TS331, TS332, TS334 Electrical characteristics Table 4. VCC+ = +2.7 V, VCC- = 0 V, Tamb = +25°C (unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VIO Input offset voltage 0.5 5 mV -40 °C < Tamb < +125 °C 6 ΔVio/ΔT Input offset voltage drift -40 °C < Tamb < +125 °C 3.3 μV/°C IIB Input bias current(1) 25 40 nA -40 °C < Tamb < +125 °C 100 IIO Input offset current(1) 110 -40 °C < Tamb < +125 °C 100 ICC Supply current No load, output low, VICM = 0 V 21 27 μA -40 °C < Tamb < +125 °C 31 No load, output high, VICM = 0 V 23 30 -40°C < Tamb < +125 °C 34 IOH Output current leakage VOUT = VCC+1 10 nA -40 °C < Tamb < +125 °C 500 VOL Output voltage low ISINK = 1 mA 17 30 mV -40 °C < Tamb < +125 °C 50 ISINK Output sink current VOUT = 1.5 V 40 47 mA -40 °C < Tamb < +125 °C 30 CMRR Common mode rejection ratio 0 < VICM < 2.7 V 54 74 dB -40 °C < Tamb < +125 °C 53 TPHL Propagation delay(2) High to low output level VICM = 0 V, RL = 5.1 kΩ, CL = 50 pF, overdrive = 10 mV 320 ns VICM = 0 V, RL = 5.1 kΩ, CL = 50 pF, overdrive = 100 mV 220 320 TPLH Propagation delay(3) Low to high output level VICM = 0 V, RL = 5.1 kΩ, CL = 50 pF, overdrive = 10 mV 550 VICM = 0 V, RL = 5.1 kΩ, CL = 50 pF, overdrive = 100 mV 420 640 1. Maximum values include unavoidable inaccuracies of the industrial tests. 2. TPHL is measured when the output signal crosses a voltage level at 50% of Vcc with the following conditions: Inverting input voltage (IN-) = VICM and non-inverting input voltage (IN+) moving from VICM + 100 mV to VICM - overdrive. 3. TPLH is measured when the output signal crosses a voltage level at 50% of Vcc with the following conditions: Inverting input voltage (IN-) = VICM and non-inverting input voltage (IN+) moving from VICM - 100 mV to VICM + overdrive. |
유사한 부품 번호 - TS334 |
|
유사한 설명 - TS334 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |