전자부품 데이터시트 검색엔진 |
|
CAT25C256S-TE13 데이터시트(PDF) 4 Page - Catalyst Semiconductor |
|
CAT25C256S-TE13 데이터시트(HTML) 4 Page - Catalyst Semiconductor |
4 / 11 page 4 CAT25C128/256 Doc. No. 25088-00 1/01 Limits Vcc= VCC= VCC= VCC = 1.8V-6.0V 2.5V-6.0V 2.7V-6.0V 4.5V-5.5V SYMBOL PARAMETER Min. Max. Min. Max. Min. Max. Min. Max. UNITS tSU Data Setup Time 500 100 70 35 ns tH Data Hold Time 500 100 70 35 ns tWH SCK High Time 2500 250 200 80 ns tWL SCK Low Time 2500 250 200 80 ns fSCK Clock Frequency DC 0.2 DC 2.0 DC 2.5 DC 5 MHz tLZ HOLD to Output Low Z 100 50 50 50 ns tRI(1) Input Rise Time 2 2 2 2 µs tFI(1) Input Fall Time 2 2 2 2 µs tHD HOLD Setup Time 250 100 100 40 ns tCD HOLD Hold Time 250 100 100 40 ns tWC Write Cycle Time 10 10 10 5 ms tV Output Valid from Clock Low 250 200 200 80 ns tHO Output Hold Time 0 0 0 0 ns tDIS Output Disable Time 250 200 200 100 ns tHZ HOLD to Output High Z 150 100 100 50 ns tCS CS High Time 100 100 100 100 ns tCSS CS Setup Time 100 100 100 100 ns tCSH CS Hold Time 100 100 100 100 ns tWPS WP Setup Time 50 50 50 50 ns tWPH WP Hold Time 50 50 50 50 ns NOTE: (1) This parameter is tested initially and after a design or process change that affects the parameter. A.C. CHARACTERISTICS (CAT25C256) Test Conditions CL = 50pF |
유사한 부품 번호 - CAT25C256S-TE13 |
|
유사한 설명 - CAT25C256S-TE13 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |