전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSC212EHI 데이터시트(PDF) 2 Page - MicroPower Direct, LLC

부품명 LSC212EHI
상세설명  LSC200EHI SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPD [MicroPower Direct, LLC]
홈페이지  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LSC212EHI 데이터시트(HTML) 2 Page - MicroPower Direct, LLC

  LSC212EHI Datasheet HTML 1Page - MicroPower Direct, LLC LSC212EHI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Pin Connections
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
LSC201EHI
5
4.5 - 5.5
526
100
5.0
400
40.0
76
1,500
LSC202EHI
5
4.5 - 5.5
506
100
12.0
167
17.0
79
1,500
LSC203EHI
5
4.5 - 5.5
512
100
15.0
133
13.0
78
1,500
LSC211EHI
12
10.8 - 13.2
219
100
5.0
400
40.0
76
1,500
LSC212EHI
12
10.8 - 13.2
208
100
12.0
167
17.0
80
1,500
LSC213EHI
12
10.8 - 13.2
211
100
15.0
133
13.0
79
1,500
LSC221EHI
24
21.6 - 26.4
108
50
5.0
400
40.0
77
500
LSC222EHI
24
21.6 - 26.4
104
50
12.0
167
17.0
80
500
LSC223EHI
24
21.6 - 26.4
107
50
15.0
133
13.0
78
500
Pin
Dual
1-Vin
7NC
8NC
9
+Vout
10
-Vout
16
+Vin
NC = No Connection
Notes:
1. Output load regulation is specified for a load change of 10% to 100%.
2. These units should not be operated with a load under 10% of full load. Operation
at no-load will not damage the unit, but they may not meet all specifications.
3. These converters will operate without external components. However, when
measuring output ripple,
it is recommended that an
external ceramic capacitor
be placed from the +Vout
pin to the -Vout pin for
single output units and from
each output to common for
dual output units. An input capacitor will enhance stability over temperature and
input line variations. Recommended capacitor values are given in the table above.
For applications requiring very low output noise levels, a simple LC filter should
be effective.
4. It is recommended that a fuse be used on the input of a power supply for protec-
tion. See the Model Selection table above for the correct rating.
Vin
Input
Capacitor
Vout
Output
Capacitor
5 VDC
4.7 µF
5 VDC
10.0 µF
12 VDC
2.2 µF
12 VDC
2.2 µF
24 VDC
1.0 µF
15 VDC
1.0 µF
Derating Curve
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Mechanical Dimensions
Solder Layout


유사한 부품 번호 - LSC212EHI

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
LSC2110 HP-LSC2110 Datasheet
156Kb / 8P
   1 mW 14 Pin DIL Cooled Laser Modules
LSC2110-622 HP-LSC2110-622 Datasheet
111Kb / 6P
   2.5 mW 14 Pin DIL Cooled Laser Module
LSC2110-622-BI HP-LSC2110-622-BI Datasheet
111Kb / 6P
   2.5 mW 14 Pin DIL Cooled Laser Module
LSC2110-622-DN HP-LSC2110-622-DN Datasheet
111Kb / 6P
   2.5 mW 14 Pin DIL Cooled Laser Module
LSC2110-622-FP HP-LSC2110-622-FP Datasheet
111Kb / 6P
   2.5 mW 14 Pin DIL Cooled Laser Module
More results

유사한 설명 - LSC212EHI

제조업체부품명데이터시트상세설명
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com