전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24WC05PI 데이터시트(PDF) 1 Page - Catalyst Semiconductor

부품명 CAT24WC05PI
상세설명  2K/4K/8K/16K-Bit Serial E2PROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC05PI 데이터시트(HTML) 1 Page - Catalyst Semiconductor

  CAT24WC05PI Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC05PI Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC05PI Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC05PI Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC05PI Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC05PI Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC05PI Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC05PI Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
CAT24WC03/05/09/17
2K/4K/8K/16K-Bit Serial E2PROM
* Catalyst Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol.
PIN CONFIGURATION
BLOCK DIAGRAM
PIN FUNCTIONS
Pin Name
Function
A0, A1, A2
Device Address Inputs
SDA
Serial Data/Address
SCL
Serial Clock
WP
Write Protect
VCC
+1.8V to +6.0V Power Supply
VSS
Ground
DIP Package (P)
24WCXX F03
TSSOP Package (U)
FEATURES
s 400 KHZ I2C Bus Compatible*
s 1.8 to 6.0Volt Operation
s Low Power CMOS Technology
s Write Protect Feature
–Top 1/2 Array Protected When WP at V
IH
s 16-Byte Page Write Buffer
s Self-Timed Write Cycle with Auto-Clear
s 1,000,000 Program/Erase Cycles
s 100 Year Data Retention
s 8-pin DIP, 8-pin SOIC and 8-pin TSSOP Package
s Commercial, Industrial and Automotive
Temperature Ranges
DESCRIPTION
The CAT24WC03/05/09/17 is a 2K/4K/8K/16K-bit Serial
CMOS E2PROM internally organized as 256/512/1024/
2048 words of 8 bits each. Catalyst’s advanced CMOS
technology substantially reduces device power require-
ments. The CAT24WC03/05/09/17 features a 16-byte
page write buffer. The device operates via the I2C bus
serial interface, has a special write protection feature,
and is available in 8-pin DIP or 8-pin SOIC
© 1999 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Preliminary
DOUT
ACK
SENSE AMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
START/STOP
LOGIC
STATE COUNTERS
SLAVE
ADDRESS
COMPARATORS
E2PROM
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGH VOLTAGE/
TIMING CONTROL
VSS
WP
SCL
A0
A1
A2
SDA
Doc. No. 25063-00 2/98 S-1
8
7
6
5
VCC
WP
SCL
SDA
A2
A0
A1
SS
1
2
3
4
VSS
A2
A0
A1
VSS
A0
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
A1
A2
VSS
VCC
WP
SCL
SDA
SOIC Package (J)
(** Available for 24WC03 only)


유사한 부품 번호 - CAT24WC05PI

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24WC05PI-1.8TE13 CATALYST-CAT24WC05PI-1.8TE13 Datasheet
362Kb / 14P
   2K/4K-Bit Serial EEPROM with Partial Array Write Protection
CAT24WC05PITE13 CATALYST-CAT24WC05PITE13 Datasheet
362Kb / 14P
   2K/4K-Bit Serial EEPROM with Partial Array Write Protection
More results

유사한 설명 - CAT24WC05PI

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
List of Unclassifed Man...
24A01 ETC2-24A01 Datasheet
1Mb / 24P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
   2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com