전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM1601616AO 데이터시트(PDF) 3 Page - LightKey Optoelectronics Ltd.

부품명 LM1601616AO
상세설명  1.50 inch 16x16 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGHTKEY [LightKey Optoelectronics Ltd.]
홈페이지  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM1601616AO 데이터시트(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LM1601616AO Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM1601616AO Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM1601616AO Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121851
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.5 inch 16x16 Dot Matrix LED Display
Electrical Characteristics & Absolute Maximum Ratings
Electrical
Characteristics
[1]
Absolute Maximum Ratings
[1]
VF@
IF=20mA
[2]
Color
Typ.
Max.
Reverse
Current
VR=5V
Power
Dissipation
DC
Forward
Current
Peak
Forward
Current
[3]
Super Red
Per Dot
1.8
2.2
30
60
25
100
Hi-Red
Per Dot
1.8
2.2
30
60
25
100
Orange
Per Dot
2.1
2.5
30
80
30
100
Yellow
Per Dot
2.1
2.5
30
80
30
100
Green
Per Dot
2.2
2.5
30
80
30
100
Ultra Red
Per Dot
1.9
2.6
30
60
30
100
Ultra Orange
Per Dot
2.0
2.6
30
65
30
100
Ultra Amber
Per Dot
2.0
2.6
30
65
30
100
Ultra Yellow
Per Dot
2.0
2.6
30
65
30
100
Ultra Green
Per Dot
2.1
2.6
30
75
30
100
Pure Green
Per Dot
3.5
4.0
30
110
30
100
Ultra Blue
Per Dot
3.5
4.0
30
120
30
100
Ultra White
Per Dot
3.5
4.0
30
120
30
100
Unit:
\
V
V
uA
mW
mA
mA
Notes:
1. At Ta = 25 °C.
2. Forward voltage at forward current = 20mA.
3. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


유사한 부품 번호 - LM1601616AO

제조업체부품명데이터시트상세설명
logo
LightKey Optoelectronic...
LM1601616CD LIGHTKEY-LM1601616CD Datasheet
151Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616CG LIGHTKEY-LM1601616CG Datasheet
151Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616CO LIGHTKEY-LM1601616CO Datasheet
151Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616CPG LIGHTKEY-LM1601616CPG Datasheet
151Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616CR LIGHTKEY-LM1601616CR Datasheet
151Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
More results

유사한 설명 - LM1601616AO

제조업체부품명데이터시트상세설명
logo
LightKey Optoelectronic...
LM1601616CD LIGHTKEY-LM1601616CD Datasheet
151Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM15088CD LIGHTKEY-LM15088CD Datasheet
226Kb / 3P
   1.50 inch 8x8 Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-16151G CHINASEMI-CSM-16151G Datasheet
256Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151E CHINASEMI-CSM-16151E Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151S CHINASEMI-CSM-16151S Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151A9 CHINASEMI-CSM-16151A9 Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151M9 CHINASEMI-CSM-16151M9 Datasheet
260Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151T9 CHINASEMI-CSM-16151T9 Datasheet
260Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151V9 CHINASEMI-CSM-16151V9 Datasheet
255Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
logo
LightKey Optoelectronic...
LM2601616AB LIGHTKEY-LM2601616AB Datasheet
212Kb / 3P
   LM2601616A/B Series ??1.60 inch 16x16 Dot Matrix LED Display
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com