전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SCR553PT100 데이터시트(PDF) 6 Page - Rohm

부품명 2SCR553PT100
상세설명  NPN 2.0A 50V Middle Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

2SCR553PT100 데이터시트(HTML) 6 Page - Rohm

  2SCR553PT100 Datasheet HTML 1Page - Rohm 2SCR553PT100 Datasheet HTML 2Page - Rohm 2SCR553PT100 Datasheet HTML 3Page - Rohm 2SCR553PT100 Datasheet HTML 4Page - Rohm 2SCR553PT100 Datasheet HTML 5Page - Rohm 2SCR553PT100 Datasheet HTML 6Page - Rohm 2SCR553PT100 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SCR553P
lDimensions
(Unit : mm)
Dimension in mm / inches
MPT3
b1
D
A
b
x S A
e1
b2
e
c
y S
b3
b5
b4
e1
e
S
Pattern of terminal position areas
[Not a recommended pattern of soldering pads]
MIN
MAX
MIN
MAX
A
1.40
1.50
0.055
0.059
b
0.30
0.50
0.012
0.020
b1
1.50
1.70
0.059
0.067
b2
0.40
0.60
0.016
0.024
c
0.35
0.50
0.014
0.020
D
4.40
4.70
0.173
0.185
E
2.40
2.70
0.094
0.106
e
e1
HE
3.70
4.30
0.146
0.169
LE
0.80
1.20
0.031
0.047
Lp
1.01
1.41
0.040
0.056
x
-
0.15
-
0.006
y
-
0.10
-
0.004
MIN
MAX
MIN
MAX
b3
-
0.65
-
0.026
b4
-
1.70
-
0.067
b5
-
0.75
-
0.030
l1
-
1.71
-
0.067
l2
-
0.58
-
0.023
l3
-
3.72
-
0.146
β
45°
45°
1.50
0.059
DIM
MILIMETERS
INCHES
DIM
MILIMETERS
INCHES
3.00
0.118
6/6
2013.04 - Rev.B


유사한 부품 번호 - 2SCR553PT100

제조업체부품명데이터시트상세설명
logo
Rohm
2SCR553P ROHM-2SCR553P Datasheet
234Kb / 5P
   Midium Power Transistors (50V / 2A)
2SCR553P5 ROHM-2SCR553P5 Datasheet
1Mb / 9P
   Midium Power Transistors (50V / 2A)
2SCR553PFRA ROHM-2SCR553PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (50V / 2A)
2SCR553P ROHM-2SCR553P_09 Datasheet
234Kb / 5P
   Midium Power Transistors (50V / 2A)
More results

유사한 설명 - 2SCR553PT100

제조업체부품명데이터시트상세설명
logo
Rohm
2SAR553P ROHM-2SAR553P Datasheet
358Kb / 7P
   PNP -2.0A -50V Middle Power Transistor
2SAR553R ROHM-2SAR553R Datasheet
1Mb / 9P
   PNP -2.0A -50V Middle Power Transistor
2SCR574DA07 ROHM-2SCR574DA07 Datasheet
799Kb / 7P
   NPN 2.0A 80V Middle Power Transistor
2SCR512R ROHM-2SCR512R Datasheet
1Mb / 7P
   NPN 2.0A 30V Middle Power Transistor
2SCR574D ROHM-2SCR574D Datasheet
803Kb / 7P
   NPN 2.0A 80V Middle Power Transistor
2SCR512RHZG ROHM-2SCR512RHZG Datasheet
1Mb / 9P
   NPN 2.0A 30V Middle Power Transistor
20190325 - Rev.001
2SCR513RHZG ROHM-2SCR513RHZG Datasheet
1Mb / 9P
   NPN 1.0A 50V Middle Power Transistor
20181211 - Rev.001
2SCR573DFHG ROHM-2SCR573DFHG Datasheet
1Mb / 8P
   NPN 3.0A 50V Middle Power Transistor
20161012 - Rev.004
2SCR533PT100 ROHM-2SCR533PT100 Datasheet
384Kb / 8P
   NPN 3.0A 50V Middle Power Transistor
2SCR573D ROHM-2SCR573D Datasheet
800Kb / 7P
   NPN 3.0A 50V Middle Power Transistor
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com