전자부품 데이터시트 검색엔진 |
|
LM23088FUB 데이터시트(PDF) 1 Page - LightKey Optoelectronics Ltd. |
|
LM23088FUB 데이터시트(HTML) 1 Page - LightKey Optoelectronics Ltd. |
1 / 3 page LightKey SPEC NO: DS10121839 REV: A.4 CHECKED: Emily Zhou APPROVED: M.H. Lin PAGE: 1/3 HTTP://WWW.DISPLAY-LEDS.COM TEL: 0086-574-86322282 DATE: Jul/20/2011 Datasheet of 2.30 inch 8x8 Dot Matrix LED Display LM23088E/F Series – 2.30 inch 8x8 Dot Matrix LED Display ATTENTION OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES Features 60.20 mm (2.30 inch) matrix height Dot size: Diameter 5.00 mm Pitch: 7.62 mm Wide viewing angle Range of emitted colors I.C. compatible Low power consumption White dot, grey or black face Available options Alternative emitting luminosity: Standard or high brightness version Alternative emitted color Alternative dot color Alternative face color Both CA or CC versions are available Cropped terminal pins RoHS compliant Package Dimensions 2.54*7=17.78 7.62*7=53.34 60.20 PIN 1 COL. 1 ROW 8 6 7 4 5 2 3 1 3 24 5 6 8 7 5.0 0 0.60 46.4 Notes: 1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm (0.01inch) unless other wise noted. 2. Specifications are subject to change without notice. 3. The gap between the reflector and PCB shall not exceed 0.25mm. |
유사한 부품 번호 - LM23088FUB |
|
유사한 설명 - LM23088FUB |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |