전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC1G66GW 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74AHC1G66GW
상세설명  74AHC1G66; 74AHCT1G66 Single-pole single-throw analog switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC1G66GW 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC1G66GW Datasheet HTML 2Page - NXP Semiconductors 74AHC1G66GW Datasheet HTML 3Page - NXP Semiconductors 74AHC1G66GW Datasheet HTML 4Page - NXP Semiconductors 74AHC1G66GW Datasheet HTML 5Page - NXP Semiconductors 74AHC1G66GW Datasheet HTML 6Page - NXP Semiconductors 74AHC1G66GW Datasheet HTML 7Page - NXP Semiconductors 74AHC1G66GW Datasheet HTML 8Page - NXP Semiconductors 74AHC1G66GW Datasheet HTML 9Page - NXP Semiconductors 74AHC1G66GW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74AHC_AHCT1G66_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 18 December 2008
6 of 17
NXP Semiconductors
74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
10.2 ON resistance
[1]
At supply voltages approaching 2 V, the analog switch ON resistance becomes extremely non-linear. Therefore it is recommended that
these devices be used to transmit digital signals only, when using this supply voltage.
10.3 ON resistance test circuit and graphs
Table 8.
ON resistance
At recommended operating conditions; voltages are referenced to GND (ground 0 V); for graph see Figure 7 [1]
.
Symbol
Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Typ
max
Max
Max
74AHC1G66 and 74AHCT1G66
RON(peak) ON resistance
(peak)
VI =VCC to GND; see Figure 6
ISW = 1.0 mA; VCC = 2.0 V
148[1]
--
-
ISW = 10 mA; VCC = 3.0 V to 3.6 V
28
50
70
110
ISW = 10 mA; VCC = 4.5 V to 5.5 V
15
30
40
60
RON(rail)
ON resistance
(rail)
VI = GND; see Figure 6
ISW = 1.0 mA; VCC = 2.0 V
30
-
-
-
ISW = 10 mA; VCC = 3.0 V to 3.6 V
20
50
65
90
ISW = 10 mA; VCC = 4.5 V to 5.5 V
15
22
26
40
VI =VCC; see Figure 6
ISW = 1.0 mA; VCC = 2.0 V
28
-
-
-
ISW = 10 mA; VCC = 3.0 V to 3.6 V
18
50
65
90
ISW = 10 mA; VCC = 4.5 V to 5.5 V
13
22
26
40
RON =VSW / ISW.Tamb =25 °C.
Fig 6.
Test circuit for measuring ON resistance
Fig 7.
Typical ON resistance as a function of
input voltage
001aag490
VI
VIH
VCC
GND
Z
Y
E
VSW
ISW
0246
VI (V)
RON
(
Ω)
40
30
10
0
20
mna630
VCC = 3.0 V
4.5 V
5.5 V


유사한 부품 번호 - 74AHC1G66GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC1G66GW PHILIPS-74AHC1G66GW Datasheet
108Kb / 24P
   Bilateral switch
2002 Jun 06
74AHC1G66GW NXP-74AHC1G66GW Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74AHC1G66GW NEXPERIA-74AHC1G66GW Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74AHC1G66GW-Q100 NEXPERIA-74AHC1G66GW-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHC1G66GW-Q100 NEXPERIA-74AHC1G66GW-Q100 Datasheet
262Kb / 16P
   Single-pole single-throw analog switch
Rev. 2 - 11 January 2022
More results

유사한 설명 - 74AHC1G66GW

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74HC1G66-Q100 NEXPERIA-74HC1G66-Q100 Datasheet
730Kb / 19P
   Single-pole single-throw analog switch
74AHCAHC1G66-Q100 NEXPERIA-74AHCAHC1G66-Q100 Datasheet
262Kb / 16P
   Single-pole single-throw analog switch
Rev. 2 - 11 January 2022
logo
NXP Semiconductors
74HC1G66 NXP-74HC1G66 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC_AHCT1G66 PHILIPS-74AHC_AHCT1G66_15 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
   Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com