전자부품 데이터시트 검색엔진 |
|
2SC4382 데이터시트(PDF) 1 Page - Sanken electric |
|
2SC4382 데이터시트(HTML) 1 Page - Sanken electric |
|
1 / 1 page 102 Silicon NPN Triple Diffused Planar Transistor (Complement to type 2SA1667/1668) Application : TV Vertical Output, Audio Output Driver and General Purpose 2SC4381/4382 I C– V CE Characteristics (Typical) h FE– I C Characteristics (Typical) h FE– I C Temperature Characteristics (Typical) θj-a–t Characteristics I C– V BE Temperature Characteristics (Typical) V CE(sat) – I B Characteristics (Typical) Pc – T a Derating 0 0 2 1.6 1.2 0.4 0.8 68 24 1 0 Collector-Emitter Voltage V CE(V) I B=5mA/Step Safe Operating Area (Single Pulse) f T– I E Characteristics (Typical) 0 3 1 2 100 2 10 1000 Base Current I B(mA) I C=0.5A 1A 2A 2 1 0.1 0.01 30 50 100 400 Collector Current I C(A) (V CE=10V) Typ 2 1 0.1 0.01 30 50 100 400 Collector Current I C(A) (V CE=10V) 0.5 1 6 1 1 0 100 1000 Time t(ms) 10 100 300 1 0.01 0.1 5 1 Collector-Emitter Voltage V CE(V) Without Heatsink Natural Cooling 1.2SC4381 2.2SC4382 DC 12 25˚C –30˚C 125˚C –0.01 –0.1 –0.5 –1 –2 20 10 0 30 (V CE=12V) Emitter Current I E(A) Typ 30 20 10 0 0 5 0 100 150 Ambient Temperature Ta(˚C) Without Heatsink 0 2 1 0 1.0 0.5 Base-Emittor Voltage V BE(V) (V CE=10V) sTypical Switching Characteristics (Common Emitter) VCC (V) 20 RL ( Ω) 20 IC (A) 1 VBB2 (V) –5 IB2 (mA) –100 ton ( µs) 1.0typ tstg ( µs) 3.0typ tf ( µs) 1.5typ IB1 (mA) 100 VBB1 (V) 10 External Dimensions FM20(TO220F) ø3.3±0.2 10.1±0.2 2.54 2.54 1.35±0.15 0.85 +0.2 -0.1 1.35±0.15 2.2±0.2 4.2±0.2 2.8 c0.5 2.4±0.2 0.45 +0.2 -0.1 BE C a b Weight : Approx 2.0g a. Part No. b. Lot No. Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SC4381 2SC4382 150 200 150 200 6 2 1 25(Tc=25°C) 150 –55 to +150 Unit V V V A A W °C °C sAbsolute maximum ratings sElectrical Characteristics Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) fT COB 2SC4381 2SC4382 10max 150 200 10max 150min 200min 60min 1.0max 15typ 35typ Unit µA V µA V V MHz pF Conditions VCB= VEB=6V IC=25mA VCE=10V, IC=0.7A IC=0.7A, IB=0.07A VCE=12V, IE=–0.2A VCB=10V, f=1MHz (Ta=25°C) (Ta=25°C) Ratings Ratings |
유사한 부품 번호 - 2SC4382 |
|
유사한 설명 - 2SC4382 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |