전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC5546LF 데이터시트(PDF) 11 Page - Sanken electric

부품명 LC5546LF
상세설명  Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5546LF 데이터시트(HTML) 11 Page - Sanken electric

Back Button LC5546LF Datasheet HTML 5Page - Sanken electric LC5546LF Datasheet HTML 6Page - Sanken electric LC5546LF Datasheet HTML 7Page - Sanken electric LC5546LF Datasheet HTML 8Page - Sanken electric LC5546LF Datasheet HTML 9Page - Sanken electric LC5546LF Datasheet HTML 10Page - Sanken electric LC5546LF Datasheet HTML 11Page - Sanken electric LC5546LF Datasheet HTML 12Page - Sanken electric LC5546LF Datasheet HTML 13Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
0.5
0.5
0.5
0.5
7
6
5
4
3
2
1
7-0.62
7-0.55
±0.2
10
±0.15
2
b
a
Gate burr
±0.5
3.8
3-( R1)
±0.2
2.6
(1.1)
±0.15
-0.1
+0.2
±0.1
2.6
4.2
±0.2
LC
(At base of pin)
5×P 1.17 ±0.15
= 5.85 ±0.15
Plan View
Side View
(At base of pin)
Unit:
mm
b: Lot number
1
st
letter: Last digit of year
2
nd
letter: Month
Jan to September: Numeric
October: O
November: N
December: D
3
rd
and 4
th
letter: Date
01 to 31: Numeric
5
th
letter: Sanken control number
Package: TO-220F-7L
a: Part # 55xxLF
"Gate Burr" shows area
where 0.3 mm (max) gate
burr may be present
Pin treatment Pb-free. Device composition
compliant with the RoHS directive.
Package Outline Drawing
Leadframe 3054
January 28, 2013
11
SANKEN ELECTRIC CO., LTD.
LC5540LF-DS
Single-Stage Power Factor Corrected
Off-Line Switching Regulator ICs
LC5540LF
Series


유사한 부품 번호 - LC5546LF

제조업체부품명데이터시트상세설명
logo
Sanken electric
LC5546LF SANKEN-LC5546LF Datasheet
308Kb / 13P
   Single-Stage Power Factor Corrected Off-Line Switching Regulators
More results

유사한 설명 - LC5546LF

제조업체부품명데이터시트상세설명
logo
Sanken electric
LC556XLD SANKEN-LC556XLD Datasheet
297Kb / 10P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
LC554XLD SANKEN-LC554XLD Datasheet
278Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
LC552XD SANKEN-LC552XD Datasheet
235Kb / 9P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5525F SANKEN-LC5525F Datasheet
254Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5513D SANKEN-LC5513D Datasheet
230Kb / 9P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5523F SANKEN-LC5523F Datasheet
255Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5511D SANKEN-LC5511D Datasheet
234Kb / 9P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5540LD SANKEN-LC5540LD Datasheet
281Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5540LF SANKEN-LC5540LF Datasheet
308Kb / 13P
   Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5500 SANKEN-LC5500 Datasheet
637Kb / 40P
   LC5500 Series Single-Stage Power Factor Corrected Off-Line Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com