전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD160011BUY 데이터시트(PDF) 1 Page - LightKey Optoelectronics Ltd.

부품명 LD160011BUY
상세설명  LD160011A/B Series ??12 inch Large Assembly 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGHTKEY [LightKey Optoelectronics Ltd.]
홈페이지  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD160011BUY 데이터시트(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LD160011BUY Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD160011BUY Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD160011BUY Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121502
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 16 inch Large Assembly 7 Segment LED Display
LD160011A/B Series – 12 inch Large Assembly 7 Segment LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative segment color
Alternative font
Both CA and CC versions are available
Cropped terminal pins
Features
410 mm (16 inch) digit high
Excellent digit appearance
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White segment
RoHS compliant
Package Dimensions
Notes:
1. All dimensions are in millimeters(inches), Tolerance is + 0.25mm(0.01inch)unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


유사한 부품 번호 - LD160011BUY

제조업체부품명데이터시트상세설명
logo
LightKey Optoelectronic...
LD160011CD LIGHTKEY-LD160011CD Datasheet
139Kb / 4P
   LD160011C/D Series ??12 inch Large Assembly 7 Segment LED Display
LD160011CG LIGHTKEY-LD160011CG Datasheet
139Kb / 4P
   LD160011C/D Series ??12 inch Large Assembly 7 Segment LED Display
LD160011CO LIGHTKEY-LD160011CO Datasheet
139Kb / 4P
   LD160011C/D Series ??12 inch Large Assembly 7 Segment LED Display
LD160011CPG LIGHTKEY-LD160011CPG Datasheet
139Kb / 4P
   LD160011C/D Series ??12 inch Large Assembly 7 Segment LED Display
LD160011CR LIGHTKEY-LD160011CR Datasheet
139Kb / 4P
   LD160011C/D Series ??12 inch Large Assembly 7 Segment LED Display
More results

유사한 설명 - LD160011BUY

제조업체부품명데이터시트상세설명
logo
LightKey Optoelectronic...
LD200011AB LIGHTKEY-LD200011AB Datasheet
148Kb / 3P
   LD200011A/B Series ??20 inch Large Assembly 7 Segment LED Display
LD160011CD LIGHTKEY-LD160011CD Datasheet
139Kb / 4P
   LD160011C/D Series ??12 inch Large Assembly 7 Segment LED Display
LD80011CD LIGHTKEY-LD80011CD Datasheet
144Kb / 3P
   8 inch Large Assembly 7 Segment LED Display
LD3011AB LIGHTKEY-LD3011AB Datasheet
153Kb / 3P
   LD3011A/B Series - 0.30 inch Single Digit 7 Segment LED Display
LD3014AB LIGHTKEY-LD3014AB Datasheet
152Kb / 3P
   LD3014A/B Series - 0.30 inch Single Digit 7 Segment LED Display
LD2841AB LIGHTKEY-LD2841AB Datasheet
173Kb / 3P
   LD2841A/B Series - 0.28 inch Four Digit 7 Segment LED Display
LD2531 LIGHTKEY-LD2531 Datasheet
178Kb / 3P
   LD2531A/B Series - 0.25 inch Three Digit 7 Segment LED Display
LD3031AB LIGHTKEY-LD3031AB Datasheet
203Kb / 3P
   LD3031A/B Series - 0.30 inch Three Digit 7 Segment LED Display
LD3021AB LIGHTKEY-LD3021AB Datasheet
157Kb / 3P
   LD3021A/B Series - 0.30 inch dual Digit 7 Segment LED Display
LD30014AB LIGHTKEY-LD30014AB Datasheet
133Kb / 3P
   3.00 inch Single Digit 7 Segment big assembly LED Display
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com