전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC5210D 데이터시트(PDF) 5 Page - Sanken electric

부품명 LC5210D
상세설명  Off-Line LED Driver ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5210D 데이터시트(HTML) 5 Page - Sanken electric

  LC5210D Datasheet HTML 1Page - Sanken electric LC5210D Datasheet HTML 2Page - Sanken electric LC5210D Datasheet HTML 3Page - Sanken electric LC5210D Datasheet HTML 4Page - Sanken electric LC5210D Datasheet HTML 5Page - Sanken electric LC5210D Datasheet HTML 6Page - Sanken electric LC5210D Datasheet HTML 7Page - Sanken electric LC5210D Datasheet HTML 8Page - Sanken electric LC5210D Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
SANKEN ELECTRIC CO., LTD.
LC5200-DS, Rev. 6.0
Off-Line LED Driver ICs
LC5200 Series
1
2
3
4
8
6
5
GND
VBB
OUT
REG
PWM
REF
SEN
1
2
3
4
8
7
6
5
GND
VBB
OUT
OUT
REG
PWM
REF
SEN
Pin-out Diagrams
DIP8
LC5200D Series
SOP8
LC5200S Series
Pin List Table
Name
Number
Function
LC52xxD
(DIP8)
LC52xxS
(SOP8)
REG
1
1
Internal regulator supply, provides current to internal and external circuits;
connect a 0.1 μF bypass capacitor between this pin and GND
PWM
2
2
Input for PWM control; to use internal PWM, connect a CR (capacitor and
resistor) for setting off-time; to use external PWM, connect to PWM signal
source
REF
3
3
Reference voltage input; sets peak output current of OUT pin (internal
power MOSFET) for internal PWM control by REF pin voltage
SEN
4
4
Output current detection; detects peak output current for internal PWM
control, and detects overcurrent for OCP; connect to current detection
resistor, RS
OUT
5
5, 6
Drain of internal power MOSFET
VBB
6
7
Supply voltage; provides power to internal circuits through internal
regulator
–7
LC5200D DIP8 pin removed to increase creepage distance between high
votlage pin and low voltage pin (Note: apply user's criteria for creepage
distance when using LC5200S SOP8)
GND
8
8
Ground pin
Functional Block Diagram
When pin numbers of the SOP8 differ from those of the DIP8,
they are indicated in parentheses for the SOP8
REG
VBB
Regulator
Gate Driver
Current
Control
Logic
OCP
GND
UVLO
TSD
OUT
SEN
1
5 (5,6)
4
8
Control IC
6 (7)
2
3
PWM
REF


유사한 부품 번호 - LC5210D

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
LC5210D ALLEGRO-LC5210D Datasheet
601Kb / 15P
   LED Drivers
logo
Sanken electric
LC5210D SANKEN-LC5210D Datasheet
430Kb / 8P
   Hybrid Integrated Circuit
More results

유사한 설명 - LC5210D

제조업체부품명데이터시트상세설명
logo
Sanken electric
LC5222D SANKEN-LC5222D Datasheet
271Kb / 11P
   Off-Line DC / DC LED Driver ICs
LC5223D SANKEN-LC5223D Datasheet
260Kb / 10P
   Off-Line DC / DC LED Driver ICs
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
   Off Line LED Driver
logo
IXYS Corporation
MXHV9910 IXYS-MXHV9910 Datasheet
348Kb / 12P
   Off-Line, High Brightness LED Driver
logo
Supertex, Inc
HV9921DB1 SUTEX-HV9921DB1 Datasheet
343Kb / 2P
   Universal Off-line LED Driver Demoboard
logo
Clare, Inc.
MXHV9910 CLARE-MXHV9910 Datasheet
604Kb / 11P
   Off-Line, High Brightness LED Driver
logo
Sanken electric
LC5200 SANKEN-LC5200_12 Datasheet
93Kb / 2P
   LED Driver ICs
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com