전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC5225D 데이터시트(PDF) 5 Page - Sanken electric

부품명 LC5225D
상세설명  Off-Line DC / DC LED Driver ICs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5225D 데이터시트(HTML) 5 Page - Sanken electric

  LC5225D Datasheet HTML 1Page - Sanken electric LC5225D Datasheet HTML 2Page - Sanken electric LC5225D Datasheet HTML 3Page - Sanken electric LC5225D Datasheet HTML 4Page - Sanken electric LC5225D Datasheet HTML 5Page - Sanken electric LC5225D Datasheet HTML 6Page - Sanken electric LC5225D Datasheet HTML 7Page - Sanken electric LC5225D Datasheet HTML 8Page - Sanken electric LC5225D Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Off (Disable)
CC_REF
OCP_REF
VCCR
=VRe
f×
0.4
VOCR
=VCC
R+
VOCR
_OS
2.0
1.0
0
.
3
0
0.8
0
On
(Enable)
Latch
(Sleep)
0.15
VOCR_OS
REF Pin Input VoltageVREF(V)
Out
REF Pin Voltage Characteristics
Function
Conditions
Internal PWM reference
voltage, VCCR
• When VREF < 2 V, VCCR = 0.4 × VREF (V) (VCCR is proportional to VREF)
• When VREF > 2 V, VCCR = 0.8 V
OCP reference voltage, VOCR
VOCR is offset from VCCR by VOCP_OS ; VOCR_OS = 0.7 V (typ); VOCR has
negative temperature characteristics
Enable function
Enable mode is entered when VREF > VENB; Enable mode is not latched, and
the IC stops operating when VREF falls below VENB; VENB = 0.15 V (typ)
Sleep function
Sleep mode is entered when VREF > VSLP, turning off the output;
VENB = 3.0 V (typ); Sleep mode is latched, and the latch is released when VBB
falls below VUVLO(OFF); VUVLO(OFF) = 12 V (typ)
LC5222D/25D and
LC5222S/25S
5
SANKEN ELECTRIC CO., LTD.
LC5222D/25D_22S/25S-DS
Off-Line DC/DC LED Driver ICs
August 8, 2012


유사한 부품 번호 - LC5225D

제조업체부품명데이터시트상세설명
logo
Sanken electric
LC5225D SANKEN-LC5225D Datasheet
451Kb / 8P
   Hybrid Integrated Circuit
More results

유사한 설명 - LC5225D

제조업체부품명데이터시트상세설명
logo
Sanken electric
LC5223D SANKEN-LC5223D Datasheet
260Kb / 10P
   Off-Line DC / DC LED Driver ICs
LC5202D SANKEN-LC5202D Datasheet
297Kb / 16P
   Off-Line LED Driver ICs
logo
Microchip Technology
HV9805 MICROCHIP-HV9805 Datasheet
491Kb / 34P
   Off-Line LED Driver with True DC Output Current
01/27/15
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
   Off Line LED Driver
logo
AIMTEC
AMEOR30-4864AZ AIMTEC-AMEOR30-4864AZ Datasheet
897Kb / 14P
   DC-DC LED driver
logo
Maxim Integrated Produc...
MAX16801A MAXIM-MAX16801A Datasheet
356Kb / 15P
   Off-Line and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 0; 10/05
logo
Supertex, Inc
HV9906 SUTEX-HV9906 Datasheet
445Kb / 10P
   Simple Off-Line/PFC & >9V DC/DC Switcher
HV9906 SUTEX-HV9906_04 Datasheet
281Kb / 11P
   Simple Off-Line/PFC & >9V DC/DC Switcher
logo
Toshiba Semiconductor
TA84007PQ TOSHIBA-TA84007PQ Datasheet
362Kb / 16P
   DC Motor Full Bridge Driver ICs (Forward/reverse switching driver ICs)
logo
IXYS Corporation
MXHV9910 IXYS-MXHV9910 Datasheet
348Kb / 12P
   Off-Line, High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com