전자부품 데이터시트 검색엔진 |
|
LC5513D 데이터시트(PDF) 2 Page - Sanken electric |
|
LC5513D 데이터시트(HTML) 2 Page - Sanken electric |
2 / 9 page 2 SANKEN ELECTRIC CO., LTD. LC5513D-DS Single-Stage Power Factor Corrected Off-Line Switching Regulator IC LC5513D Absolute Maximum Ratings TA = 25°C, unless otherwise specified Characteristic Symbol Notes Pins Rating Unit Drain Current1 IDPeak Single pulse 8 – 1 4.0 A Single Pulse Avalanche Energy2 EAS ILPeak = 2.7 A, VDD = 99 V, L = 20 mH 8 – 1 86 mJ Control Part Input Voltage VCC 2 – 1 35 V OCP Pin Voltage VOCP 3 – 1 −2.0 to 5.0 V COMP Pin Voltage VCOMP 4 – 1 −0.3 to 7.0 V ISENSE Pin Voltage VSEN 6 – 1 −0.3 to 5.0 V Allowable Power Dissipation of MOSFET3 PD1 Mounted on a 15 mm × 15 mm PCB 8 – 1 0.97 W Operating Ambient Temperature TOP ―−55 to 125 °C Storage Temperature Tstg ―−55 to 125 °C Channel Temperature Tch ― 150 °C 1 Refer to MOSFET Safe Operating Area Curve. 2 Refer to MOSFET Avalanche Energy Derating Coefficient Curve. 3 Refer to MOSFET Temperature versus Power Dissipation Curve. Selection Guide Part Number Package LC5513D DIP8 with pin 7 removed The polarity value for current specifies a sink as "+," and a source as “−,” referencing the IC. November 26, 2012 |
유사한 부품 번호 - LC5513D |
|
유사한 설명 - LC5513D |