전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7108DN 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 SI7108DN
상세설명  N-Channel 20-V (D-S) Fast Switching MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7108DN 데이터시트(HTML) 6 Page - Vishay Siliconix

Back Button SI7108DN Datasheet HTML 2Page - Vishay Siliconix SI7108DN Datasheet HTML 3Page - Vishay Siliconix SI7108DN Datasheet HTML 4Page - Vishay Siliconix SI7108DN Datasheet HTML 5Page - Vishay Siliconix SI7108DN Datasheet HTML 6Page - Vishay Siliconix SI7108DN Datasheet HTML 7Page - Vishay Siliconix SI7108DN Datasheet HTML 8Page - Vishay Siliconix SI7108DN Datasheet HTML 9Page - Vishay Siliconix SI7108DN Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Document Number: 71656
www.vishay.com
Revison: 03-May-10
1
Package Information
Vishay Siliconix
PowerPAK® 1212-8, (SINGLE/DUAL)
MILLIMETERS
INCHES
DIM.
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.97
1.04
1.12
0.038
0.041
0.044
A1
0.00
-
0.05
0.000
-
0.002
b
0.23
0.30
0.41
0.009
0.012
0.016
c
0.23
0.28
0.33
0.009
0.011
0.013
D
3.20
3.30
3.40
0.126
0.130
0.134
D1
2.95
3.05
3.15
0.116
0.120
0.124
D2
1.98
2.11
2.24
0.078
0.083
0.088
D3
0.48
-
0.89
0.019
-
0.035
D4
0.47 TYP.
0.0185 TYP.
D5
2.3 TYP.
0.090 TYP.
E
3.20
3.30
3.40
0.126
0.130
0.134
E1
2.95
3.05
3.15
0.116
0.120
0.124
E2
1.47
1.60
1.73
0.058
0.063
0.068
E3
1.75
1.85
1.98
0.069
0.073
0.078
E4
0.34 TYP.
0.013 TYP.
e
0.65 BSC
0.026 BSC
K
0.86 TYP.
0.034 TYP.
K1
0.35
-
-
0.014
-
-
H
0.30
0.41
0.51
0.012
0.016
0.020
L
0.30
0.43
0.56
0.012
0.017
0.022
L1
0.06
0.13
0.20
0.002
0.005
0.008
θ
-
12°
-
12°
W
0.15
0.25
0.36
0.006
0.010
0.014
M
0.125 TYP.
0.005 TYP.
ECN: S10-0951-Rev. J, 03-May-10
DWG: 5882
3. Dimensions exclusive of mold flash and cutting burrs
1.
Notes:
2
Inch will govern
Dimensions exclusive of mold gate burrs
Backside View of Single Pad
Backside View of Dual Pad
Detail Z
D1
D2
E1
45
1
8
4
3
H
2
1
θ
θ
E2
L
4
3
2
1
A1
Z
K
W
E3
E4
HK
E4
E2
L
E3
L1
2
2
E
H


유사한 부품 번호 - SI7108DN

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7108DN VISHAY-SI7108DN Datasheet
107Kb / 6P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. C, 01-Aug-05
SI7108DN VISHAY-SI7108DN Datasheet
533Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. E, 17-Mar-08
SI7108DN VISHAY-SI7108DN Datasheet
531Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7108DN VISHAY-SI7108DN_V01 Datasheet
531Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
01-Jan-2022
More results

유사한 설명 - SI7108DN

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7458DP VISHAY-SI7458DP Datasheet
51Kb / 4P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. A, 04-Mar-02
SI7110DN VISHAY-SI7110DN Datasheet
534Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. E, 17-Mar-08
SI7448DP VISHAY-SI7448DP Datasheet
42Kb / 4P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. B, 18-Aug-03
SISH106DN VISHAY-SISH106DN Datasheet
189Kb / 8P
   N-Channel 20 V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7106DN VISHAY-SI7106DN_V01 Datasheet
82Kb / 6P
   N-Channel 20-V (D-S) Fast Switching MOSFET
18-Jul-08
SI7106DN VISHAY-SI7106DN Datasheet
82Kb / 6P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. E, 30-Jun-08
SI7108DN VISHAY-SI7108DN_V01 Datasheet
531Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7110DN VISHAY-SI7110DN_V01 Datasheet
533Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7448DP VISHAY-SI7448DP_V01 Datasheet
216Kb / 8P
   N-Channel 20 V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7108DN VISHAY-SI7108DN Datasheet
107Kb / 6P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. C, 01-Aug-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com