전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si4734 데이터시트(PDF) 7 Page - Silicon Laboratories

부품명 Si4734
상세설명  BROADCAST MULTI-BAND RADIO RECEIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4734 데이터시트(HTML) 7 Page - Silicon Laboratories

Back Button Si4734 Datasheet HTML 3Page - Silicon Laboratories Si4734 Datasheet HTML 4Page - Silicon Laboratories Si4734 Datasheet HTML 5Page - Silicon Laboratories Si4734 Datasheet HTML 6Page - Silicon Laboratories Si4734 Datasheet HTML 7Page - Silicon Laboratories Si4734 Datasheet HTML 8Page - Silicon Laboratories Si4734 Datasheet HTML 9Page - Silicon Laboratories Si4734 Datasheet HTML 10Page - Silicon Laboratories Si4734 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Si473x-B20
Rev. 0.5
7
Figure 1. Reset Timing Parameters for Busmode Select
Table 4. Reset Timing Characteristics1,2
(VDD = 2.7 to 5.5 V, VIO = 1.5 to 3.6 V, TA = –20 to 85 °C)
Parameter
Symbol
Min
Typ
Max
Unit
RST Pulse Width and GPO1, GPO2/INT Setup to RST

tSRST
100
µs
GPO1, GPO2/INT Hold from RST
tHRST
30
ns
Important Notes:
1. When selecting 2-wire mode, the user must ensure that a 2-wire start condition (falling edge of SDIO while SCLK is
high) does not occur within 300 ns before the rising edge of RST.
2. When selecting 2-wire mode, the user must ensure that SCLK is high during the rising edge of RST, and stays high until
after the first start condition.
3. If GPO1 and GPO2 are actively driven by the user, then minimum tSRST is only 30 ns. If GPO1 or GPO2 is hi-Z, then
minimum tSRST is 100 µs to provide time for on-chip 1 M devices (active while RST is low) to pull GPO1 high and
GPO2 low.
70%
30%
GPO1
70%
30%
GPO2/
INT
70%
30%
tSRST
RST
tHRST


유사한 부품 번호 - Si4734

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4734 SILABS-SI4734 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4734 SILABS-SI4734 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4734 SILABS-SI4734 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
Si4734 SILABS-Si4734 Datasheet
88Kb / 1P
   Datasheets supporting the products Si4704/05-D60 and Si4730
Si4734 SILABS-Si4734 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
More results

유사한 설명 - Si4734

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4736-B20 SILABS-SI4736-B20 Datasheet
624Kb / 38P
   BROADCAST WEATHER BAND RADIO RECEIVER
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4730 SILABS-SI4730 Datasheet
197Kb / 2P
   Broadcast AM/FM Radio Receiver
SI4736-C40-GUR SILABS-SI4736-C40-GUR Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D50 SILABS-SI4730-D50 Datasheet
557Kb / 34P
   BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D50 SKYWORKS-SI4730-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
logo
Silicon Laboratories
SI4730-C40-GM SILABS-SI4730-C40-GM Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4704-D50 SILABS-SI4704-D50 Datasheet
1Mb / 34P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com