전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7840BDP 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 SI7840BDP
상세설명  N-Channel 30-V (D-S) Fast Switching MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7840BDP 데이터시트(HTML) 6 Page - Vishay Siliconix

  SI7840BDP Datasheet HTML 1Page - Vishay Siliconix SI7840BDP Datasheet HTML 2Page - Vishay Siliconix SI7840BDP Datasheet HTML 3Page - Vishay Siliconix SI7840BDP Datasheet HTML 4Page - Vishay Siliconix SI7840BDP Datasheet HTML 5Page - Vishay Siliconix SI7840BDP Datasheet HTML 6Page - Vishay Siliconix SI7840BDP Datasheet HTML 7Page - Vishay Siliconix SI7840BDP Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revison: 20-May-13
1
Document Number: 71655
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® SO-8, (Single/Dual)
MILLIMETERS
INCHES
DIM.
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.97
1.04
1.12
0.038
0.041
0.044
A1
-
0.05
0
-
0.002
b
0.33
0.41
0.51
0.013
0.016
0.020
c
0.23
0.28
0.33
0.009
0.011
0.013
D
5.05
5.15
5.26
0.199
0.203
0.207
D1
4.80
4.90
5.00
0.189
0.193
0.197
D2
3.56
3.76
3.91
0.140
0.148
0.154
D3
1.32
1.50
1.68
0.052
0.059
0.066
D4
0.57 typ.
0.0225 typ.
D5
3.98 typ.
0.157 typ.
E
6.05
6.15
6.25
0.238
0.242
0.246
E1
5.79
5.89
5.99
0.228
0.232
0.236
E2 (for AL product)
3.30
3.48
3.66
0.130
0.137
0.144
E2 (for other product)
3.48
3.66
3.84
0.137
0.144
0.151
E3
3.68
3.78
3.91
0.145
0.149
0.154
E4 (for AL product)
0.58 typ.
0.023 typ.
E4 (for other product)
0.75 typ.
0.030 typ.
e
1.27 BSC
0.050 BSC
K (for AL product)
1.45 typ.
0.057 typ.
K (for other product)
1.27 typ.
0.050 typ.
K1
0.56
-
-
0.022
-
-
H
0.51
0.61
0.71
0.020
0.024
0.028
L
0.51
0.61
0.71
0.020
0.024
0.028
L1
0.06
0.13
0.20
0.002
0.005
0.008
-
12°
-
12°
W
0.15
0.25
0.36
0.006
0.010
0.014
M
0.125 typ.
0.005 typ.
ECN: C13-0702-Rev. K, 20-May-13
DWG: 5881
3. Dimensions exclusive of mold flash and cutting burrs.
1.
Notes
2
Inch will govern.
Dimensions exclusive of mold gate burrs.
Backside View of Single Pad
Backside View of Dual Pad
Detail Z
D
D1
D2
θ
θ
E1
E2
1
2
3
4
H
4
3
2
1
1
2
3
4
L
Z
A1
K
E
W
L1
E3
E4
E4
K
L
H
E2
E3
2


유사한 부품 번호 - SI7840BDP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7840BDP VISHAY-SI7840BDP Datasheet
92Kb / 1P
   Si7840BDP vs. Si7840DP Specification Comparison
04-Dec-04
SI7840BDP VISHAY-SI7840BDP Datasheet
220Kb / 3P
   N-Channel 30-V (D-S) Fast Switching MOSFET
04-Dec-04
logo
VBsemi Electronics Co.,...
SI7840BDP-T1-GE3 VBSEMI-SI7840BDP-T1-GE3 Datasheet
1Mb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - SI7840BDP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7840DP VISHAY-SI7840DP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 25-Feb-02
SI7840BDP VISHAY-SI7840BDP Datasheet
220Kb / 3P
   N-Channel 30-V (D-S) Fast Switching MOSFET
04-Dec-04
SI7112DN VISHAY-SI7112DN Datasheet
554Kb / 12P
   N-Channel 30 V (D-S) Fast Switching MOSFET
Rev. G, 02-May-11
SI7114DN VISHAY-SI7114DN Datasheet
534Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. E, 17-Mar-08
SI7446BDP VISHAY-SI7446BDP Datasheet
112Kb / 6P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. E, 14-Sep-09
SI7326DN-T1-E3 VISHAY-SI7326DN-T1-E3 Datasheet
538Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 29-Dec-08
SI7440DP VISHAY-SI7440DP Datasheet
41Kb / 4P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. B, 18-Aug-03
SI7326DN VISHAY-SI7326DN Datasheet
534Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 29-Dec-08
SI7804DN VISHAY-SI7804DN_V01 Datasheet
562Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7112DN VISHAY-SI7112DN_V01 Datasheet
549Kb / 12P
   N-Channel 30 V (D-S) Fast Switching MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com