전자부품 데이터시트 검색엔진 |
|
SD-1010W 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers |
|
SD-1010W 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 8 page ■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request. COPAL ELECTRONICS SD-1000/2000 ROTARY CODED SWITCHES ■ STANDARD SPECIFICATIONS Circuit type Operating temperature range Storage temperature range Sealing Net weight BCD (Real code, complementary code) BCH (Real code, complementary code) −40 ~ 85 °C Non washable Without knob Top setting 0.65 g With knob Top setting 0.76 g Without knob Side setting 0.95 g With knob Side setting 1.05 g No. of positions Adjustment torque Stepping angle Terminal strength (Through hole pin only) Stop strength (With knob only) Solderability Soldering heat Shear (Gull wing only) Substrate bending (Gull wing only) Pull-off strength (Gull wing only) 16 (SD-1000), 10 (SD-2000) 4 ~ 25 mN·m {41 ~ 255 gf·cm} 22.5° (SD-1000), 36° (SD-2000) 10 N {1.02 kgf}, 10 s 245 ± 3 °C, 2 ~ 3 s 5 N {0.51 kgf}, 10 s Width 90 mm, bend 3 mm, 5 s, 1 time 5 N {0.51 kgf}, 10 s 10 N {1.02 kgf} minimum Contact rating Non-switching Switching Minimum Contact resistance Insulation resistance Dielectric strength DC50 V 100 mA DC5 V 100 mA DC20 mV 1 μA 1000 M Ω (DC100 V) minimum 100 m Ω maximum AC250 V, 60 s Shock Humidity High temperature exposure Low temperature exposure Thermal shock Amplitude 1.5 mm or Acceleration 98 m/s 2, 10-500-10 Hz, 3 directions for 2 h each 490 m/s 2, 11 ms 6 directions for 3 times each 85 °C, 96 h Resistance load DC50V 100mA 40 °C, Relative humidity 90 ~ 95 %, 240 h −40 °C, 96 h −40 (0.5 h) ~ 85 °C ( 0.5 h ), 5 cycles ■ MECHANICAL CHARACTERISTICS ■ ENVIRONMENTAL CHARACTERISTICS ■ ELECTRICAL CHARACTERISTICS Vibration { } : Reference only Reflow profile for soldering heat evaluation〉 Reflow : two times maximum Peak : 250 Over 230 °C Pre Heating Zone 180 °C ( °C) 250 200 150 100 50 150 °C 90 ± 30 s 30 ± 10 s Soldering Zone Heating time °C +5 0 Through hole pin Gull wing Load life 20000 steps DC5 V, 100 mA Flow : 260 ± 3 °C as the temperature in a pot of molten solder, immer- sion from head of terminal to backside of board 5 ~ 6 s, two times maximum Manual soldering: 380 ± 10 °C, 3 ~ 4 s Reflow : Peak temperature 255 °C (Please refer to the profile below.) Manual soldering: 350 ± 10 °C, 3 ~ 4 s |
유사한 부품 번호 - SD-1010W |
|
유사한 설명 - SD-1010W |