전자부품 데이터시트 검색엔진 |
|
CAT24C023P-28TE13 데이터시트(PDF) 10 Page - Catalyst Semiconductor |
|
CAT24C023P-28TE13 데이터시트(HTML) 10 Page - Catalyst Semiconductor |
10 / 12 page CAT24C163/083/043/023 10 Advanced Doc. No. 25080-00 3/98 M-1 SLAVE ADDRESS S A C K N O A C K S T O P P BUS ACTIVITY: MASTER SDA LINE S T A R T BYTE ADDRESS (n) S A C K DATA n SLAVE ADDRESS A C K S T A R T BUS ACTIVITY: MASTER SDA LINE DATA n+x DATA n A C K A C K DATA n+1 A C K S T O P N O A C K DATA n+2 A C K P SLAVE ADDRESS Figure 10. Selective Read Timing Figure 11. Sequential Read Timing 24C1601Fig.9 24C1601Fig.10 Immediate/Current Address Read The CAT24CXXX’s address counter contains the ad- dress of the last byte accessed, incremented by one. In other words, if the last READ or WRITE access was to address N, the READ immediately following would ac- cess data from address N+1. If N=E (where E= 255 for 24C023, E=511 for 24C043, E=1023 for 24C083 and E=2047 for 24C163) then the counter will ‘wrap around’ to address 0 and continue to clock out data. After the CAT24CXXX receives its slave address information (with the R/ W bit set to one), it issues an acknowledge, then transmits the 8-bit byte requested. The master device does not send an acknowledge, but will generate a STOP condition. Selective/Random Read Selective/Random READ operations allow the Master device to select at random any memory location for a READ operation. The Master device first performs a ‘dummy’ write operation by sending the START condi- tion, slave address and byte addresses of the location it wishes to read. After CAT24CXXX acknowledges, the Master device sends the START condition and the slave address again, this time with the R/ W bit set to one. The CAT24CXXX then responds with its acknowledge and sends the 8-bit byte requested. The master device Sequential Read The Sequential READ operation can be initiated by either the Immediate Address READ or Selective READ operations. After the CAT24CXXX sends the initial 8-bit byte requested, the Master will respond with an ac knowledge which tells the device it requires more data. The CAT24CXXX will continue to output an 8-bit byte for each acknowledge sent by the Master. The operation will terminate when the Master fails to respond with an acknowledge, thus sending the STOP condition. The data being transmitted from CAT24CXXX is output- ted sequentially with data from address N followed by data from address N+1. The READ operation address counter increments all of the CAT24CXXX address bits so that the entire memory array can be read during one operation. If more than E (where E= 255 for 24C023, E=511 for 24C043, E=1023 for 24C083 and E=2047 for 24C163) bytes are read out, the counter will ‘wrap around’ and continue to clock out data bytes. does not send an acknowledge but will generate a STOP condition. |
유사한 부품 번호 - CAT24C023P-28TE13 |
|
유사한 설명 - CAT24C023P-28TE13 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |