전자부품 데이터시트 검색엔진 |
|
BA2904YF-ME2 데이터시트(PDF) 3 Page - Rohm |
|
BA2904YF-ME2 데이터시트(HTML) 3 Page - Rohm |
3 / 29 page Datasheet www.rohm.com © 2012 ROHM Co., Ltd. All rights reserved. TSZ02201-0RAR1G200510-1-2 TSZ22111・15・001 3/26 26.SEP.2012 Rev.002 BA2904Yxxx-M, BA2902Yxx-M ●Absolute Maximum Ratings(Ta=25℃) Parameter Symbol Ratings Unit Supply Voltage VCC-VEE +36 V Power Dissipation Pd SOP8 780 *1*6 mW SSOP-B8 690 *2*6 MSOP8 590 *3*6 SOP14 610 *4*6 SSOP-B14 870 *5*6 Differential Input Voltage *7 Vid +36 V Input Common-mode Voltage Range Vicm (VEE-0.3) to (VEE+36) V Operating Supply Voltage Vopr +3.0 to +32 (±1.5 to ±16) V Operating Temperature Range Topr -40 to +125 ℃ Storage Temperature Range Tstg -55 to +150 ℃ Maximum Junction Temperature Tjmax +150 ℃ Note: Absolute maximum rating item indicates the condition which must not be exceeded. Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause deterioration of characteristics. *1 To use at temperature above Ta=25℃ reduce 6.2mW/℃. *2 To use at temperature above Ta=25℃ reduce 5.5mW/℃. *3 To use at temperature above Ta=25℃ reduce 4.8mW/℃. *4 To use at temperature above Ta=25℃ reduce 7.0mW/℃. *5 To use at temperature above Ta=25℃ reduce 4.9mW/℃. *6 Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm). *7 The voltage difference between inverting input and non-inverting input is the differential input voltage. Then input terminal voltage is set to more than VEE. |
유사한 부품 번호 - BA2904YF-ME2 |
|
유사한 설명 - BA2904YF-ME2 |