전자부품 데이터시트 검색엔진 |
|
BD30GA3MEFJ-LB 데이터시트(PDF) 3 Page - Rohm |
|
BD30GA3MEFJ-LB 데이터시트(HTML) 3 Page - Rohm |
3 / 24 page 3/21 BDxxGA3MEFJ-LB Datasheet TSZ02201-0R6R0AZ00510-1-2 © 2013 ROHM Co., Ltd. All rights reserved. www.rohm.com TSZ22111・15・001 21.Feb.2014 Rev.002 Block Diagram BD00GA3MEFJ-LB BDxxGA3MEFJ-LB (Fixed type) Pin ConFigure uration Pin Description Pin No. Pin name Pin Function 1 VO Output pin 2 FB/Vo_s Feedback pin (Used to connect Vo) 3 GND GND pin 4 N.C. Non Connection (Used to connect GND or OPEN state.) 5 EN Enable pin 6 N.C. Non Connection (Used to connect GND or OPEN state.) 7 N.C. Non Connection (Used to connect GND or OPEN state.) 8 VCC Input pin Reverse FIN Substrate(Connect to GND) Figure 1. Block Diagram Figure 2. Block Diagram (Fixed type) TOP VIEW VO GND N.C. N.C. N.C. EN VCC FB/Vo_s GND EN Ceramic Capacitor Vo VCC FB R1 R2 Ceramic Capacitor ≧ 1.0 μF ≧ 1.0 μF 1.5V to 13.0V (VO+0.90) to 14.0V TSD 8 1 3 5 2 OCP SOFT START FIN Body d i GND EN TSD 8 1 3 5 2 OCP SOFT START FIN Body d i Ceramic Capacitor Vo VCC Vo_s Ceramic Capacitor ≧ 1.0 μF ≧ 1.0 μF 4.5~14.0V |
유사한 부품 번호 - BD30GA3MEFJ-LB |
|
유사한 설명 - BD30GA3MEFJ-LB |