전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD18HA3MEFJ-LBH2 데이터시트(PDF) 1 Page - Rohm

부품명 BD18HA3MEFJ-LBH2
상세설명  0.3A Variable Output Industrial LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD18HA3MEFJ-LBH2 데이터시트(HTML) 1 Page - Rohm

  BD18HA3MEFJ-LBH2 Datasheet HTML 1Page - Rohm BD18HA3MEFJ-LBH2 Datasheet HTML 2Page - Rohm BD18HA3MEFJ-LBH2 Datasheet HTML 3Page - Rohm BD18HA3MEFJ-LBH2 Datasheet HTML 4Page - Rohm BD18HA3MEFJ-LBH2 Datasheet HTML 5Page - Rohm BD18HA3MEFJ-LBH2 Datasheet HTML 6Page - Rohm BD18HA3MEFJ-LBH2 Datasheet HTML 7Page - Rohm BD18HA3MEFJ-LBH2 Datasheet HTML 8Page - Rohm BD18HA3MEFJ-LBH2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Datasheet
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays.
1/21
TSZ02201-0R6R0AZ00540-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・14・001
21.Feb.2014 Rev.002
0.3A Variable Output
Industrial LDO Regulator
BDxxHA3MEFJ-LB
General Description
This is the product guarantees long time support in Industrial market.
BDxxHA3MEFJ-LB is a LDO regulator with output current 0.3A. The output accuracy is ±1% of output voltage. With external
resistance, it is available to set the output voltage at random (from 1.5V to 7.0V).It has package type: HTSOP-J8.
Over
current protection (for protecting the IC destruction by output short circuit), circuit current ON/OFF switch (for setting the
circuit 0
μA at shutdown mode), and thermal shutdown circuit (for protecting IC from heat destruction by over load condition)
are all built in. It is usable for ceramic capacitor and enables to improve smaller set and long-life.
Features
Long Time Support a Product for Industrial
Applications.
High accuracy reference voltage circuit
Built-in Over Current Protection circuit (OCP)
Built-in Thermal Shut Down circuit (TSD)
With shut down switch
Applications
Industrial Equipment
Key Specifications
Input power supply voltage range:
4.5V to 8.0V
Output voltage range(Variable type):
1.5V to 7.0V
Output voltage(Fixed type): 1.5V/1.8V/2.5V/3.0V/3.3V
5.0V/6.0V/7.0V
Output current:
0.3A (Max.)
Shutdown current:
0
μA(Typ.)
Operating temperature range:
-40℃ to +105℃
Typical Application Circuit
Package
(Typ.)
(Typ.)
(Max.)
HTSOP-J8
4.90mm x 6.00mm x 1.00mm
HTSOP-J8
R1
VO
VCC
EN
GND
FIN
R2
FB
COUT
CIN
CIN,COUT : Ceramic Capacitor
VO
VCC
EN
GND
FIN
VO_S
COUT
CIN
CIN,COUT : Ceramic Capacitor


유사한 부품 번호 - BD18HA3MEFJ-LBH2

제조업체부품명데이터시트상세설명
logo
Rohm
BD18HA3MEFJ-E2 ROHM-BD18HA3MEFJ-E2 Datasheet
609Kb / 24P
   Automotive 0.3A Variable Output LDO Regulator
BD18HA3MEFJ-ME2 ROHM-BD18HA3MEFJ-ME2 Datasheet
609Kb / 24P
   Automotive 0.3A Variable Output LDO Regulator
BD18HA3MEFJ-ME2 ROHM-BD18HA3MEFJ-ME2 Datasheet
1Mb / 24P
   Automotive 0.3A Variable Output LDO Regulator
2021.10.11 Rev.002
More results

유사한 설명 - BD18HA3MEFJ-LBH2

제조업체부품명데이터시트상세설명
logo
Rohm
BD00HA3MEFJ-ME2 ROHM-BD00HA3MEFJ-ME2 Datasheet
609Kb / 24P
   Automotive 0.3A Variable Output LDO Regulator
BDXXHA3MEFJ-M ROHM-BDXXHA3MEFJ-M Datasheet
1Mb / 24P
   Automotive 0.3A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00GC0MEFJ-LB ROHM-BD00GC0MEFJ-LB Datasheet
797Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00IA5MEFJ-LB ROHM-BD00IA5MEFJ-LB Datasheet
774Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00IC0MEFJ-LB ROHM-BD00IC0MEFJ-LB Datasheet
882Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00GA3MEFJ-LB ROHM-BD00GA3MEFJ-LB Datasheet
788Kb / 24P
   300mA Variable Output Industrial LDO Regulator
BD00HC5MEFJ-LB ROHM-BD00HC5MEFJ-LB Datasheet
905Kb / 24P
   1.5A Variable Output Industrial LDO Regulator
BD00GA5MEFJ-LB ROHM-BD00GA5MEFJ-LB Datasheet
901Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00HA5MEFJ-LB ROHM-BD00HA5MEFJ-LB Datasheet
892Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00HC0MEFJ-LB ROHM-BD00HC0MEFJ-LB Datasheet
763Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com