전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD15HC0MEFJ-LBH2 데이터시트(PDF) 10 Page - Rohm

부품명 BD15HC0MEFJ-LBH2
상세설명  1.0A Variable Output Industrial LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD15HC0MEFJ-LBH2 데이터시트(HTML) 10 Page - Rohm

Back Button BD15HC0MEFJ-LBH2 Datasheet HTML 6Page - Rohm BD15HC0MEFJ-LBH2 Datasheet HTML 7Page - Rohm BD15HC0MEFJ-LBH2 Datasheet HTML 8Page - Rohm BD15HC0MEFJ-LBH2 Datasheet HTML 9Page - Rohm BD15HC0MEFJ-LBH2 Datasheet HTML 10Page - Rohm BD15HC0MEFJ-LBH2 Datasheet HTML 11Page - Rohm BD15HC0MEFJ-LBH2 Datasheet HTML 12Page - Rohm BD15HC0MEFJ-LBH2 Datasheet HTML 13Page - Rohm BD15HC0MEFJ-LBH2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10/21
BDxxHC0MEFJ-LB
Datasheet
TSZ02201-0R6R0AZ00560-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Feb.2014 Rev.002
Figure 24.
Ta-IEN
Figure 25.
IO-VO
IO[A]
0.0
0.2
0.4
0.6
0.8
1.0
-40
-15
10
35
60
85
Ta[°C]
105
Figure 23.
Ta-ISD
(VEN=0V)
Ta [℃]
0.0
2.0
4.0
6.0
8.0
-40
-15
10
35
60
85
Ta[°C]
105
Ta [℃]
0.0
1.0
2.0
3.0
4.0
5.0
02
4
68
10
12
14
VCC[V]
Figure 26.
VCC-ISD
(VEN=0V)
VCC [V]
Temp=-40°C
Temp=25°C
Temp=105°C
Io [A]
0
0.2
0.4
0.6
0.8
1
5.2
5.1
5.0
4.9
4.8
1.0
0.8
0.6
0.4
0.0
0.2
8.0
6.0
4.0
2.0
0.0
-40
-15
10
35
60
85
105
-40
-15
10
35
60
85
105


유사한 부품 번호 - BD15HC0MEFJ-LBH2

제조업체부품명데이터시트상세설명
logo
Rohm
BD15HC0MEFJ-ME2 ROHM-BD15HC0MEFJ-ME2 Datasheet
603Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BD15HC0MEFJ-ME2 ROHM-BD15HC0MEFJ-ME2 Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
More results

유사한 설명 - BD15HC0MEFJ-LBH2

제조업체부품명데이터시트상세설명
logo
Rohm
BD00GC0MEFJ-LB ROHM-BD00GC0MEFJ-LB Datasheet
797Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00IC0MEFJ-LB ROHM-BD00IC0MEFJ-LB Datasheet
882Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00GC0MEFJ-M ROHM-BD00GC0MEFJ-M Datasheet
621Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BDXXIC0MEFJ-M ROHM-BDXXIC0MEFJ-M Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BDXXGC0MEFJ-M ROHM-BDXXGC0MEFJ-M Datasheet
993Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00HC0MEFJ-M ROHM-BD00HC0MEFJ-M Datasheet
603Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BDXXHC0MEFJ-M ROHM-BDXXHC0MEFJ-M Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00IA5MEFJ-LB ROHM-BD00IA5MEFJ-LB Datasheet
774Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00GA3MEFJ-LB ROHM-BD00GA3MEFJ-LB Datasheet
788Kb / 24P
   300mA Variable Output Industrial LDO Regulator
BD00HC5MEFJ-LB ROHM-BD00HC5MEFJ-LB Datasheet
905Kb / 24P
   1.5A Variable Output Industrial LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com