전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD2S80ATD 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD2S80ATD
상세설명  Variable Resolution, Monolithic Resolver-to-Digital Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD2S80ATD 데이터시트(HTML) 3 Page - Analog Devices

  AD2S80ATD Datasheet HTML 1Page - Analog Devices AD2S80ATD Datasheet HTML 2Page - Analog Devices AD2S80ATD Datasheet HTML 3Page - Analog Devices AD2S80ATD Datasheet HTML 4Page - Analog Devices AD2S80ATD Datasheet HTML 5Page - Analog Devices AD2S80ATD Datasheet HTML 6Page - Analog Devices AD2S80ATD Datasheet HTML 7Page - Analog Devices AD2S80ATD Datasheet HTML 8Page - Analog Devices AD2S80ATD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Parameter
Conditions
Min
Typ
Max
Unit
DATA LOAD
Sense
Internally Pulled High (100 k
Ω)
150
300
ns
to VS. Logic LO Allows
Data to be Loaded into the
Counters from the Data Lines
BUSY
3
Sense
Logic HI When Position O/P
Changing
Width
200
600
ns
Load
Use Additional Pull-Up
1
LSTTL
DIRECTION
3
Sense
Logic HI Counting Up
Logic LO Counting Down
Max Load
3
LSTTL
RIPPLE CLOCK
3
Sense
Logic HI
All 1s to All 0s
All 0s to All 1s
Width
Dependent on Input Velocity
300
Reset
Before Next Busy
Load
3
LSTTL
DIGITAL INPUTS
High Voltage, VIH
INHIBIT, ENABLE
2.0
V
DB1–DB16, Byte Select
±V
S =
±10.8 V, V
L = 5.0 V
Low Voltage, VIL
INHIBIT, ENABLE
0.8
V
DB1–DB16, Byte Select
±V
S =
±13.2 V, V
L = 5.0 V
DIGITAL INPUTS
High Current, IIH
INHIBIT, ENABLE
100
µA
DB1–DB16
±V
S =
±13.2 V , V
L = 5.5 V
Low Current, IIL
INHIBIT, ENABLE
100
µA
DB1–DB16, Byte Select
±V
S =
±13.2 V, V
L = 5.5 V
DIGITAL INPUTS
Low Voltage, VIL
ENABLE = HI
1.0
V
SC1, SC2, Data Load
±V
S =
±12.0 V, V
L = 5.0 V
Low Current, IIL
ENABLE = HI
–400
µA
SC1, SC2, Data Load
±V
S =
±12.0 V, V
L = 5.0 V
DIGITAL OUTPUTS
High Voltage, VOH
DB1–DB16
2.4
V
RIPPLE CLK, DIR
±V
S =
±12.0 V, V
L = 4.5 V
IOH = 100
µA
Low Voltage, VOL
DB1–DB16
0.4
V
RIPPLE CLK, DIR
±V
S =
±12.0 V, V
L = 5.5 V
IOL = 1.2 mA
THREE-STATE LEAKAGE
DB1–DB16 Only
Current IL
±V
S =
±12.0 V, V
L = 5.5 V
±100
µA
VOL = 0 V
±V
S =
±12.0 V, V
L = 5.5 V
±100
µA
VOH = 5.0 V
NOTES
1Refer to small signal bandwidth.
2Output offset dependent on value for R6.
3Refer to timing diagram.
Specifications subject to change without notice.
All min and max specifications are guaranteed. Specifications in boldface are tested on all production units at final electrical test.
AD2S80A
REV. B
–3–


유사한 부품 번호 - AD2S80ATD

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD2S80ATD AD-AD2S80ATD Datasheet
268Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. A
AD2S80ATD AD-AD2S80ATD Datasheet
188Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80ATD AD-AD2S80ATD Datasheet
188Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80ATD AD-AD2S80ATD Datasheet
173Kb / 16P
   Variable Resolution, Monolithic esolver-to-Digital Converter
REV. B
AD2S80ATD AD-AD2S80ATD Datasheet
447Kb / 19P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
More results

유사한 설명 - AD2S80ATD

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD2S80A AD-AD2S80A_17 Datasheet
447Kb / 19P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
AD2S82AHPZ AD-AD2S82AHPZ Datasheet
188Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80A AD-AD2S80A_00 Datasheet
188Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80A AD-AD2S80A Datasheet
268Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. A
AD2S80A AD-AD2S80A_15 Datasheet
356Kb / 20P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. C
AD2S83 AD-AD2S83_17 Datasheet
220Kb / 20P
   Variable Resolution, Resolver-to-Digital Converter
AD2S83IPZ AD-AD2S83IPZ Datasheet
172Kb / 19P
   Variable Resolution, Resolver-to-Digital Converter
REV. E
AD2S83 AD-AD2S83 Datasheet
176Kb / 19P
   Variable Resolution, Resolver-to-Digital Converter
REV. D
AD2S83APZ AD-AD2S83APZ Datasheet
188Kb / 19P
   Variable Resolution, Resolver-to-Digital Converter
REV. E
AD2S83 AD-AD2S83_15 Datasheet
188Kb / 19P
   Variable Resolution, Resolver-to-Digital Converter
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com