전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8631 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD8631
상세설명  1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8631 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD8631 Datasheet HTML 4Page - Analog Devices AD8631 Datasheet HTML 5Page - Analog Devices AD8631 Datasheet HTML 6Page - Analog Devices AD8631 Datasheet HTML 7Page - Analog Devices AD8631 Datasheet HTML 8Page - Analog Devices AD8631 Datasheet HTML 9Page - Analog Devices AD8631 Datasheet HTML 10Page - Analog Devices AD8631 Datasheet HTML 11Page - Analog Devices AD8631 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD8631/AD8632
–11–
REV. 0
Table II. Snubber Network Values for Large Capacitive Loads
CLOAD
Rx
Cx
600 pF
300
1 nF
1 nF
300
1 nF
10 nF
90
8 nF
TOTAL HARMONIC DISTORTION + NOISE
The AD863x family offers a low total harmonic distortion, which
makes this amplifier ideal for audio applications. Figure 27 shows
a graph of THD + N, which is ~0.02% @ 1 kHz, for a 1.8 V supply.
At unity gain in an inverting configuration the value of the Total
Harmonic Distortion + Noise stays consistently low over all volt-
ages supply ranges.
FREQUENCY – Hz
0.1
0.001
10
20k
0.01
1
10
100
1k
10k
VS = 1.8V
VS = 5V
INVERTING
AV = 1
Figure 27. THD + N vs. Frequency Graph
AD8632 Turn-On Time
The low voltage, low power AD8632 features an extraordinary turn
on time. This is about 500 ns for VSY = 5 V, which is impressive
considering the low supply current (300
µA typical per amplifier).
Figure 28 shows a scope picture of the AD8632 with both channels
configured as followers. Channel A has an input signal of 2.5 V and
channel B has the input signal at ground. The top waveform shows
the supply voltage and the bottom waveform reflects the response
of the amplifier at the output of Channel A.
TIME – 200ns/DIV
0
0
0
0
0
0
0
VS = 5V
AV = 1
VIN = 2.5V STEP
0V
0V
Figure 28. AD8632 Turn-On Time
A MICROPOWER REFERENCE VOLTAGE GENERATOR
Many single-supply circuits are configured with the circuit biased
to one-half of the supply voltage. In these cases, a false-ground
reference can be created by using a voltage divider buffered by an
amplifier. Figure 28 shows the schematic for such a circuit.
The two 1 M
Ω resistors generate the reference voltages while
drawing only 0.9
µA of current from a 1.8 V supply. A capacitor
connected from the inverting terminal to the output of the op
amp provides compensation to allow a bypass capacitor to be
connected at the reference output. This bypass capacitor helps
establish an ac ground for the reference output.
AD8631
10k
0.022 F
VREF
0.9V TO 2.5V
1 F
1 F
1M
1.8V TO 5V
100
1M
Figure 29. A Micropower Reference Voltage Generator
MICROPHONE PREAMPLIFIER
The AD8631 is ideal to use as a microphone preamplifier.
Figure 30 shows this implementation.
AD8631
VOUT
R3
220k
1.8V
VREF = 0.9V
R2
22k
C1
0.1 F
1.8V
R1
2.2k
ELECTRET
MIC
AV =
R3
R2
VIN
Figure 30. A Microphone Preamplifier
R1 is used to bias an electret microphone and C1 blocks dc voltage
from the amplifier. The magnitude of the gain of the amplifier is
approximately R3/R2 when R2
≥ 10 R1. VREF should be equal to
1/2
1.8 V for maximum voltage swing.
Direct Access Arrangement for Telephone Line Interface
Figure 31 illustrates a 1.8 V transmit/receive telephone line interface
for 600
Ω transmission systems. It allows full duplex transmission of
signals on a transformer-coupled 600
Ω line in a differential manner.
Amplifier A1 provides gain that can be adjusted to meet the modem
output drive requirements. Both A1 and A2 are configured to apply
the largest possible signal on a single supply to the transformer.
Amplifier A3 is configured as a difference amplifier for two reasons:
(1) It prevents the transmit signal from interfering with the receive
signal and (2) it extracts the receive signal from the transmission line
for amplification by A4. A4’s gain can be adjusted in the same
manner as A1’s to meet the modem’s input signal requirements.
Standard resistor values permit the use of SIP (Single In-line
Package) format resistor arrays. Couple this with the AD8631/


유사한 부품 번호 - AD8631

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8631 AD-AD8631 Datasheet
157Kb / 12P
   1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers
REV. 0
logo
Guangdong Youtai Semico...
AD8631 UMW-AD8631 Datasheet
1Mb / 15P
   480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
logo
Analog Devices
AD8631ART AD-AD8631ART Datasheet
157Kb / 12P
   1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers
REV. 0
logo
Guangdong Youtai Semico...
AD8631ARTZ UMW-AD8631ARTZ Datasheet
1Mb / 15P
   480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
More results

유사한 설명 - AD8631

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8631 AD-AD8631 Datasheet
157Kb / 12P
   1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers
REV. 0
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
logo
Texas Instruments
TLV316-Q1 TI1-TLV316-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV316 TI1-TLV316_16 Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
logo
STMicroelectronics
TSX7192 STMICROELECTRONICS-TSX7192 Datasheet
702Kb / 25P
   Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
March 2015 Rev 1
logo
Analog Devices
AD8519 AD-AD8519 Datasheet
193Kb / 12P
   8 MHz Rail-to-Rail Operational Amplifiers
REV. C
OP162 AD-OP162_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
OP262 AD-OP262_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
OP462 AD-OP462_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com