전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD433M2WEFJ-CE2 데이터시트(PDF) 5 Page - Rohm

부품명 BD433M2WEFJ-CE2
상세설명  200-mA 3.3-V or 5.0-V Output LDO Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD433M2WEFJ-CE2 데이터시트(HTML) 5 Page - Rohm

  BD433M2WEFJ-CE2 Datasheet HTML 1Page - Rohm BD433M2WEFJ-CE2 Datasheet HTML 2Page - Rohm BD433M2WEFJ-CE2 Datasheet HTML 3Page - Rohm BD433M2WEFJ-CE2 Datasheet HTML 4Page - Rohm BD433M2WEFJ-CE2 Datasheet HTML 5Page - Rohm BD433M2WEFJ-CE2 Datasheet HTML 6Page - Rohm BD433M2WEFJ-CE2 Datasheet HTML 7Page - Rohm BD433M2WEFJ-CE2 Datasheet HTML 8Page - Rohm BD433M2WEFJ-CE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Datasheet
Datasheet
5/34
TSZ02201-0T2T0AN00040-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
29.Oct.2013 Rev.003
www.rohm.com
TSZ22111・15・001
BD4xxM2-C
Series
■BD433 / 450M2WFP3-C
■BD433 / 450M2FP3-C
Figure 4. Block Diagrams
PREREG
GND (FIN)
VCC (1PIN)
VOUT (3PIN)
CTL (2PIN)
CTL
TSD
VREF
DRIVER
OCP
PREREG
GND (2PIN)
GND (FIN)
VCC (1PIN)
TSD
VREF
DRIVER
OCP
VOUT (3PIN)


유사한 부품 번호 - BD433M2WEFJ-CE2

제조업체부품명데이터시트상세설명
logo
Rohm
BD433M2WEFJ-CE2 ROHM-BD433M2WEFJ-CE2 Datasheet
1Mb / 37P
   200-mA 3.3-V or 5.0-V Output LDO Regulators
30.July.2021 Rev.005
More results

유사한 설명 - BD433M2WEFJ-CE2

제조업체부품명데이터시트상세설명
logo
Rohm
BD4XXM2-C ROHM-BD4XXM2-C Datasheet
1Mb / 37P
   200-mA 3.3-V or 5.0-V Output LDO Regulators
30.July.2021 Rev.005
BD4XXM5-C ROHM-BD4XXM5-C Datasheet
1Mb / 39P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
22.Feb.2017 Rev.006
BD450M5FP-CE2 ROHM-BD450M5FP-CE2 Datasheet
1Mb / 40P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
BD4XXS2-C ROHM-BD4XXS2-C Datasheet
1Mb / 39P
   For Automotive 45 V Input 200 mA Fixed Output LDO Regulators
09.Sep.2022 Rev.001
logo
ON Semiconductor
NCV8508B ONSEMI-NCV8508B Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
logo
STMicroelectronics
M48T201Y STMICROELECTRONICS-M48T201Y_09 Datasheet
317Kb / 37P
   5.0 or 3.3 V TIMEKEEPER짰 supervisor
logo
Infineon Technologies A...
TLE4266-2 INFINEON-TLE4266-2_08 Datasheet
212Kb / 12P
   Low Drop Voltage Regulator Fixed output voltage 5.0 V or 3.3 V
Rev. 1.4, 2008-03-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com