전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2202G-LB 데이터시트(PDF) 3 Page - Rohm

부품명 BD2202G-LB
상세설명  Load Switch ICs for Portable Equipment
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2202G-LB 데이터시트(HTML) 3 Page - Rohm

  BD2202G-LB Datasheet HTML 1Page - Rohm BD2202G-LB Datasheet HTML 2Page - Rohm BD2202G-LB Datasheet HTML 3Page - Rohm BD2202G-LB Datasheet HTML 4Page - Rohm BD2202G-LB Datasheet HTML 5Page - Rohm BD2202G-LB Datasheet HTML 6Page - Rohm BD2202G-LB Datasheet HTML 7Page - Rohm BD2202G-LB Datasheet HTML 8Page - Rohm BD2202G-LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3/22
BD2202G-LB
BD2206G-LB
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300370-1-2
21.Feb.2014 Rev.002
Absolute Maximum Ratings
Parameter
Symbol
Limits
Unit
Supply voltage
VIN
-0.3
to
6.0
V
EN voltage
VEN
-0.3
to
6.0
V
OUT voltage
VOUT
-0.3
to
VIN + 0.3
V
Storage temperature
TSTG
-55
to
150
°C
Power dissipation
PD
675
*1
mW
*1
Mounted on 70mm * 70mm * 1.6mm grass-epoxy PCB. Derating: 5.4mW/℃ for operating above Ta=25℃
Recommended Operating Range
◎BD2202G
Parameter
Symbol
Limits
Unit
Operating voltage range
VIN
2.7
to
3.6
V
Operating temperature range
TOPR
-25
to
85
°C
Operating load current
ILO
0
to
200
mA
◎BD2206G
Parameter
Symbol
Limits
Unit
Operating voltage range
VIN
2.7
to
3.6
V
Operating temperature range
TOPR
-25
to
85
°C
Operating load current
ILO
0
to
500
mA
Electrical Characteristics
◎BD2202G
(Unless otherwise specified, VIN = 3.3V, Ta = 25°C)
DC characteristics
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Operating current
IDD
-
70
90
μA
VEN = 3.3V, VOUT = OPEN
Standby current
ISTB
-
0.01
1
μA
VEN = 0V, VOUT = OPEN
EN input voltage
VEN
2.0
-
-
V
High level input
-
-
0.8
V
Low level input
EN input current
IEN
-1.0
0.01
1.0
μA
VEN = 0V or VEN = 3.3V
ON resistance
RON
-
150
200
m
IOUT = 50mA
Over-current Threshold
ITH
0.25
-
1.0
A
Short-circuit output current
ISC
200
-
600
mA
VOUT = 0V
Output leak current
ILEAK
-
0.01
10
μA
VEN = 0V, VOUT = 0V
UVLO threshold
VTUVH
2.1
2.3
2.5
V
VIN increasing
VTUVL
2.0
2.2
2.4
V
VIN decreasing
AC characteristics
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Output rise time
TON1
0.25
1.2
6
ms
ROUT=500Ω, COUT=0.1μF
Output turn on time
TON2
0.4
2
10
ms
ROUT=500Ω, COUT=0.1μF
Output fall time
TOFF1
50
100
200
μs
ROUT=500Ω, COUT=0.1μF
Output turn off time
TOFF2
50
100
200
μs
ROUT=500Ω, COUT=0.1μF
Over current shutdown time 1
TBLANK1
5
10
15
ms
At continuous over current
Over current shutdown time 2
TBLANK2
3
-
15
ms
At discontinuous over current


유사한 부품 번호 - BD2202G-LB

제조업체부품명데이터시트상세설명
logo
Rohm
BD2202G-TR ROHM-BD2202G-TR Datasheet
917Kb / 26P
   0.2A, 0.5A Current Load Switch ICs
More results

유사한 설명 - BD2202G-LB

제조업체부품명데이터시트상세설명
logo
Rohm
BD2202G ROHM-BD2202G_11 Datasheet
469Kb / 13P
   Load Switch ICs for Portable Equipment
BD2200GUL ROHM-BD2200GUL_11 Datasheet
383Kb / 10P
   Load Switch ICs for Portable Equipment
BD6520F ROHM-BD6520F_11 Datasheet
422Kb / 17P
   Load Switch ICs for Portable Equipment
BD6528HFV ROHM-BD6528HFV_11 Datasheet
316Kb / 12P
   Load Switch ICs for Portable Equipment
BD6524HFV ROHM-BD6524HFV_11 Datasheet
392Kb / 10P
   Load Switch IC for Portable Equipment
logo
Guangdong Youtai Semico...
FDV301N UMW-FDV301N Datasheet
390Kb / 7P
   Load Switch for Portable Applications
logo
Sanyo Semicon Device
LV2400X SANYO-LV2400X Datasheet
249Kb / 1P
   Ultraminiature FM Radio ICs for Portable Equipment LV2400X Series
logo
Rohm
BD2200GUL ROHM-BD2200GUL_14 Datasheet
1,004Kb / 22P
   0.5A, 1.0A Load Switch ICs
BD6524HFV ROHM-BD6524HFV_14 Datasheet
821Kb / 21P
   0.5A Current Load Switch ICs
BD6528HFV ROHM-BD6528HFV_14 Datasheet
1Mb / 26P
   0.5A Current Load Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com