전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2225G-LB 데이터시트(PDF) 4 Page - Rohm

부품명 BD2225G-LB
상세설명  1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2225G-LB 데이터시트(HTML) 4 Page - Rohm

  BD2225G-LB Datasheet HTML 1Page - Rohm BD2225G-LB Datasheet HTML 2Page - Rohm BD2225G-LB Datasheet HTML 3Page - Rohm BD2225G-LB Datasheet HTML 4Page - Rohm BD2225G-LB Datasheet HTML 5Page - Rohm BD2225G-LB Datasheet HTML 6Page - Rohm BD2225G-LB Datasheet HTML 7Page - Rohm BD2225G-LB Datasheet HTML 8Page - Rohm BD2225G-LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4/21
BD2224G-LB
BD2225G-LB
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300390-1-2
21.Feb.2014 Rev.002
Measurement Circuit
VIN
GND
EN(/EN)
VOUT
/OC
VIN
VEN(/EN)
A
1µF
VIN
GND
EN(/EN)
VOUT
/OC
VIN
VEN(/EN)
A
1µF
RL
A.
Operating current
B.
EN,/EN Input voltage, Output rise/fall time
VIN
GND
EN(/EN)
VOUT
/OC
VIN
VEN(/EN)
A
1µF
IOUT
10k
VIN
GND
EN(/EN)
VOUT
/OC
VIN
VEN(/EN)
A
1µF
IOC
C.
On-resistance, Over-current detection
D.
/OC Output low voltage
Figure 1. Measurement circuit
Timing Diagram
Figure 2. Output rise/fall time
(BD2224G)
Figure 3. Output rise/fall time
(BD2225G)
TON1
TOFF1
90%
10%
10%
TON2
TOFF2
50%
50%
90%
V/EN
VOUT
TON1
TOFF1
90%
10%
10%
TON2
TOFF2
50%
50%
90%
VEN
VOUT


유사한 부품 번호 - BD2225G-LB

제조업체부품명데이터시트상세설명
logo
Rohm
BD2225G-TR ROHM-BD2225G-TR Datasheet
1,013Kb / 26P
   0.75A Current Limit High Side Switch ICs
More results

유사한 설명 - BD2225G-LB

제조업체부품명데이터시트상세설명
logo
Rohm
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2246G ROHM-BD2246G Datasheet
299Kb / 14P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G ROHM-BD2224G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com