전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24WC05P-1.8TE13 데이터시트(PDF) 6 Page - Catalyst Semiconductor

부품명 CAT24WC05P-1.8TE13
상세설명  2K/4K/8K/16K-Bit Serial E2PROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC05P-1.8TE13 데이터시트(HTML) 6 Page - Catalyst Semiconductor

  CAT24WC05P-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC05P-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC05P-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC05P-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC05P-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC05P-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC05P-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC05P-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CAT24WC03/05/09/17
6
Doc. No. 25063-00 2/98 S-1
Preliminary
most significant bits of the 8-bit slave address are fixed
as 1010 for the CAT24WC03/05/09/17 (see Fig. 5). The
next three significant bits (A2, A1, A0) are the device
address bits and define which device or which part of the
device the Master is accessing. Up to eight CAT24WC03,
four CAT24WC05, two CAT24WC09, and one
CAT24WC17 may be individually addressed by the
system.
The last bit of the slave address specifies
whether a Read or Write operation is to be performed.
When this bit is set to 1, a Read operation is selected,
and when set to 0, a Write operation is selected.
After the Master sends a START condition and the slave
address byte, the CAT24WC03/05/09/17 monitors the
bus and responds with an acknowledge (on the SDA
line) when its address matches the transmitted slave
address. The CAT24WC03/05/09/17 then performs a
Read or Write operation depending on the state of the
R/
W bit.
Acknowledge
After a successful data transfer, each receiving device is
required to generate an acknowledge. The Acknowledg-
ing device pulls down the SDA line during the ninth clock
cycle, signaling that it received the 8 bits of data.
The CAT24WC03/05/09/17 responds with an acknowl-
edge after receiving a START condition and its slave
address. If the device has been selected along with a
write operation, it responds with an acknowledge after
receiving each 8-bit byte.
When the CAT24WC03/05/09/17 is in a READ mode it
transmits 8 bits of data, releases the SDA line, and
monitors the line for an acknowledge. Once it receives
this acknowledge, the CAT24WC03/05/09/17 will con-
tinue to transmit data. If no acknowledge is sent by the
Master, the device terminates data transmission and
waits for a STOP condition.
WRITE OPERATIONS
Byte Write
In the Byte Write mode, the Master device sends the
START condition and the slave address information
(with the R/
W bit set to zero) to the Slave device. After
the Slave generates an acknowledge, the Master sends
the byte address that is to be written into the address
pointer of the CAT24WC03/05/09/17. After receiving
another acknowledge from the Slave, the Master device
transmits the data byte to be written into the addressed
memory location. The CAT24WC03/05/09/17 acknowl-
edge once more and the Master generates the STOP
condition, at which time the device begins its internal
programming cycle to nonvolatile memory. While this
internal cycle is in progress, the device will not respond
to any request from the Master device.
Page Write
The CAT24WC03/05/09/17 writes up to 16 bytes of data
in a single write cycle, using the Page Write operation.
The Page Write operation is initiated in the same manner
as the Byte Write operation, however instead of termi-
nating after the initial word is transmitted, the Master is
allowed to send up to 15 additional bytes. After each byte
has been transmitted the CAT24WC03/05/09/17 will
respond with an acknowledge, and internally increment
24WCXX F09
Figure 7. Page Write Timing
BYTE
ADDRESS
SLAVE
ADDRESS
S
A
C
K
A
C
K
DATA
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
5020 FHD F08
Figure 6. Byte Write Timing
BUS ACTIVITY:
MASTER
SDA LINE
DATA n+P
BYTE
ADDRESS (n)
A
C
K
A
C
K
DATA n
A
C
K
S
T
O
P
24WCXX FO9
S
A
C
K
DATA n+1
A
C
K
S
T
A
R
T
P
SLAVE
ADDRESS
NOTE: IN THIS EXAMPLE n = XXXX 0000(B); X = 1 or 0


유사한 부품 번호 - CAT24WC05P-1.8TE13

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24WC05P-1.8TE13 CATALYST-CAT24WC05P-1.8TE13 Datasheet
362Kb / 14P
   2K/4K-Bit Serial EEPROM with Partial Array Write Protection
More results

유사한 설명 - CAT24WC05P-1.8TE13

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
List of Unclassifed Man...
24A01 ETC2-24A01 Datasheet
1Mb / 24P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
   2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com