전자부품 데이터시트 검색엔진 |
|
BU21079F-E2 데이터시트(PDF) 5 Page - Rohm |
|
BU21079F-E2 데이터시트(HTML) 5 Page - Rohm |
5 / 37 page 5/34 Datasheet Datasheet BU21079F TSZ02201-0Y1Y0FZ00150-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 2013.09.25 Rev.001 www.rohm.com TSZ22111・15・001 Absolute Maximum Ratings (Ta = 25℃) Parameter Symbol Rating Unit Power supply voltage VDD -0.5 to 7.0 V Input voltage VIN -0.5 to VDD + 0.3 V Storage temperature range Tstg -55 to 125 ℃ Permissible loss Pd 0.30 *1 W Maximum junction temperature Tjmax 125 ℃ *1 Derate by 3.00mW/℃ when operating above Ta =25℃. (IC only). When mounted in a Rohm standard board (70mm x 70mm x 1.6t mm), Pd is 0.50W, and it reduces in 5.00mW/℃ over Ta=25℃. Recommended Operating Conditions Parameter Symbol Rating Unit Power supply voltage VDD 3.0 to 5.5 V Operating temperature range Topr -20 to 85 ℃ Electrical Characteristics (Ta = 25℃ , VDD = 3.3V , VSS = 0V) Rating Parameter Symbol Min. Typ. Max. Unit Condition Input High voltage VIH VDD x 0.7 - VDD + 0.3 V Input Low voltage VIL VSS - 0.3 - VDD x 0.3 V Output High voltage VOH VDD - 0.5 - VDD V IOH = -4mA Output Low voltage VOL VSS - VSS + 0.5 V IOL = 4mA Oscillator clock frequency1 fOSC1 45 50 55 MHz Oscillator clock frequency2 fOSC2 51.2 64 76.8 KHz DVDD LDO output voltage VDVDD 1.35 1.50 1.65 V AVDD LDO output voltage VAVDD 2.61 2.71 2.81 V Full scan operating current IDD - 2.5 - mA No load of sensors. Intermittent operating current IINT 75 uA Intermittent operation cycle 200ms |
유사한 부품 번호 - BU21079F-E2 |
|
유사한 설명 - BU21079F-E2 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |