전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24WC01JI-1.8TE13F 데이터시트(PDF) 1 Page - Catalyst Semiconductor

부품명 CAT24WC01JI-1.8TE13F
상세설명  1K/2K/4K/8K/16K-Bit Serial E2PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC01JI-1.8TE13F 데이터시트(HTML) 1 Page - Catalyst Semiconductor

  CAT24WC01JI-1.8TE13F Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC01JI-1.8TE13F Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC01JI-1.8TE13F Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC01JI-1.8TE13F Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC01JI-1.8TE13F Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC01JI-1.8TE13F Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC01JI-1.8TE13F Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC01JI-1.8TE13F Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC01JI-1.8TE13F Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
CAT24WC01/02/04/08/16
1K/2K/4K/8K/16K-Bit Serial E2PROM
* Catalyst Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol.
PIN CONFIGURATION
BLOCK DIAGRAM
PIN FUNCTIONS
Pin Name
Function
A0, A1, A2
Device Address Inputs
SDA
Serial Data/Address
SCL
Serial Clock
WP
Write Protect
VCC
+1.8V to +6.0V Power Supply
VSS
Ground
DIP Package (P)
24WCXX F03
SOIC Package (J)
5020 FHD F01
FEATURES
s 400 KHZ I2C Bus Compatible*
s 1.8 to 6.0Volt Operation
s Low Power CMOS Technology
s Write Protect Feature
— Entire Array Protected When WP at V
IH
s Page Write Buffer
s Self-Timed Write Cycle with Auto-Clear
s 1,000,000 Program/Erase Cycles
s 100 Year Data Retention
s 8-pin DIP, 8-pin SOIC or 8 pin TSSOP
s Commercial, Industrial and Automotive
Temperature Ranges
DESCRIPTION
The CAT24WC01/02/04/08/16 is a 1K/2K/4K/8K/16K-
bit Serial CMOS E2PROM internally organized as 128/
256/512/1024/2048 words of 8 bits each. Catalyst’s
advanced CMOS technology substantially reduces de-
vice power requirements. The the CAT24WC01/02/04/
08/16 feature a 16-byte page write buffer. The device
operates via the I2C bus serial interface, has a special
write protection feature, and is available in 8-pin DIP, 8-
pin SOIC or 8-pin TSSOP.
© 1999 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
8
7
6
5
VCC
WP
SCL
SDA
A2
A0
A1
VSS
1
2
3
4
TSSOP Package (U)
(* Available for 24WC01 and 24WC02 only)
DOUT
ACK
SENSE AMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
START/STOP
LOGIC
STATE COUNTERS
SLAVE
ADDRESS
COMPARATORS
E2PROM
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGH VOLTAGE/
TIMING CONTROL
VSS
WP
SCL
A0
A1
A2
SDA
A2
A0
A1
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
A0
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
A1
A2
VSS
Doc. No. 25051-00 3/98
S-1


유사한 부품 번호 - CAT24WC01JI-1.8TE13F

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24WC01JITE13F CATALYST-CAT24WC01JITE13F Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
More results

유사한 설명 - CAT24WC01JI-1.8TE13F

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com