전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD780BNZ 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD780BNZ
상세설명  2.5 V-3.0 V High Precision Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD780BNZ 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD780BNZ Datasheet HTML 2Page - Analog Devices AD780BNZ Datasheet HTML 3Page - Analog Devices AD780BNZ Datasheet HTML 4Page - Analog Devices AD780BNZ Datasheet HTML 5Page - Analog Devices AD780BNZ Datasheet HTML 6Page - Analog Devices AD780BNZ Datasheet HTML 7Page - Analog Devices AD780BNZ Datasheet HTML 8Page - Analog Devices AD780BNZ Datasheet HTML 9Page - Analog Devices AD780BNZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD780
Data Sheet
Rev. F | Page 6 of 12
APPLYING THE AD780
The AD780 can be used without any external components to
achieve specified performance. If power is supplied to Pin 2 and
Pin 4 is grounded, Pin 6 provides a 2.5 V or 3.0 V output
depending on whether Pin 8 is left unconnected or grounded.
A bypass capacitor of 1 µF (+VIN to GND) should be used if the
load capacitance in the application is expected to be greater
than 1 nF. The AD780 in 2.5 V mode typically draws 700 µA of
Iq at 5 V. This increases by ~2 µA/V up to 36 V.
NC
TEMP
+VIN
RNULL
VOUT
TRIM
GND
O/P SELECT
2.5V – NC
3.0V – GND
NC
R POT
1
µF
AD780
NC = NO CONNECT
1
7
6
5
8
4
2
3
Figure 5. Optional Fine-Trim Circuit
Initial error can be nulled using a single 25 kΩ potentiometer
connected between VOUT, TRIM, and GND. This is a coarse
trim with an adjustment range of 4%, and is only included here
for compatibility purposes with other references. A fine trim
can be implemented by inserting a large value resistor (e.g., 1
MΩ to
5 MΩ) in series with the wiper of the potentiometer (see
Figure 5). The trim range, expressed as a fraction of the output,
is simply greater than or equal to 2.1 kΩ/RNULL for either the
2.5 V or 3.0 V mode.
The external null resistor affects the overall temperature
coefficient by a factor equal to the percentage of VOUT nulled.
For example, a 1 mV (0.03%) shift in the output caused by the
trim circuit, with a 100 ppm/°C null resistor, adds less than
0.06 ppm/°C to the output drift (0.03% × 200 ppm/°C, since the
resistors internal to the AD780 also have temperature
coefficients of less than 100 ppm/°C).
NOISE PERFORMANCE
The impressive noise performance of the AD780 can be further
improved, if desired, by adding two capacitors: a load capacitor
(C1) between the output and ground, and a compensation
capacitor (C2) between the TEMP pin and ground. Suitable
values are shown in Figure 6.
100
10
1
0.1
0.1
1
10
100
LOAD CAPACITOR, C1 (
µF)
Figure 6. Compensation and Load Capacitor Combinations
C1 and C2 also improve the settling performance of the AD780
when subjected to load transients. The improvement in noise
performance is shown in Figure 7, Figure 8, Figure 9, and
Figure 10.
0.1 TO 10Hz
AMPLIFIER GAIN = 100
1s
100
µV
100
90
10
0%
Figure 7. Standalone Noise Performance
10Hz TO 10kHz
NO AMPLIFIER
10ms
20
µV
100
90
10
0%
Figure 8. Standalone Noise Performance


유사한 부품 번호 - AD780BNZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD780BNZ AD-AD780BNZ Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
More results

유사한 설명 - AD780BNZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD780BRZ-REEL7 AD-AD780BRZ-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780 AD-AD780 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
AD780 AD-AD780_15 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780ARZ AD-AD780ARZ Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD580 AD-AD580 Datasheet
251Kb / 6P
   High Precision 2.5 V IC Reference
REV. A
5962-8686101XA AD-5962-8686101XA Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
AD580 AD-AD580_04 Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
   2.5 V Precision Reference / Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com